Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E91F451VSN181MR40T Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # E91F451VSN181MR40T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E91F451VSN181MR40T Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

Back Button E91F451VSN181MR40T Datasheet HTML 5Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 6Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 7Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 8Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 9Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 10Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 11Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 12Page - United Chemi-Con, Inc. E91F451VSN181MR40T Datasheet HTML 13Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9
U91F Series
Engineering Bulletin Aug 2013
500 Volts
550 Volts Surge
450 Volts
500 Volts Surge
420 Volts
470 Volts Surge
400 Volts
450 Volts Surge
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.
1,200
E91F401VNT122MU80T
45
80
U80
0.083
4.9
1,800
E91F401VNT182MUA5T
45
105
UA5
0.055
6.7
1,000
E91F401VNT102MC50T
50
50
C50
0.101
3.9
1,200
E91F401VNT122MC65T
50
65
C65
0.093
4.4
1,800
E91F401VNT182MC80T
50
80
C80
0.062
5.9
2,200
E91F401VNT222MCA5T
50
105
CA5
0.051
7.4
180
E91F421VSN181MR40T
30
40
R40
0.442
1.3
270
E91F421VSN271MR50T
30
50
R50
0.295
1.7
390
E91F421VSN391MR65T
30
65
R65
0.204
2.3
270
E91F421VSN2711MA40T
35
40
A40
0.310
1.8
390
E91F421VSN391MA50T
35
50
A50
0.214
2.3
560
E91F421VND561MA65T
35
65
A65
0.149
3.0
680
E91F421VND681MA80T
35
80
A80
0.123
3.5
820
E91F421VND821MAA0T
35
100
AA0
0.102
4.3
560
E91F421VND561MB50T
40
50
B50
0.156
2.9
820
E91F421VND821MB65T
40
65
B65
0.107
3.8
1,000
E91F421VND102MB80T
40
80
B80
0.088
4.5
1,200
E91F421VND122MBA0T
40
100
BA0
0.073
5.3
680
E91F421VNT681MU50T
45
50
U50
0.141
3.2
1,000
E91F421VNT102MU65T
45
65
U65
0.096
4.2
1,200
E91F421VNT122MU80T
45
80
U80
0.080
5.0
1,700
E91F421VNT172MUA5T
45
105
UA5
0.056
6.6
820
E91F421VNT821MC50T
50
50
C50
0.126
3.5
1,200
E91F421VNT122MC65T
50
65
C65
0.086
4.6
1,500
E91F421VNT152MC80T
50
80
C80
0.069
5.6
2,200
E91F421VNT222MCA5T
50
105
CA5
0.047
7.7
180
E91F451VSN181MR40T
30
40
R40
0.442
1.3
220
E91F451VSN221MR50T
30
50
R50
0.362
1.5
330
E91F451VSN331MR65T
30
65
R65
0.241
2.1
270
E91F451VSN271MA40T
35
40
A40
0.310
1.8
390
E91F451VSN391MA50T
35
50
A50
0.214
2.3
470
E91F451VND471MA65T
35
65
A65
0.178
2.8
680
E91F451VND681MA80T
35
80
A80
0.123
3.5
820
E91F451VND821MAA0T
35
100
AA0
0.102
4.3
470
E91F451VND471MB50T
40
50
B50
0.178
2.7
680
E91F451VND681MB65T
40
65
B65
0.123
3.5
820
E91F451VND821MB80T
40
80
B80
0.102
4.1
1,200
E91F451VND122MBA0T
40
100
BA0
0.070
5.5
680
E91F451VNT681MU50T
45
50
U50
0.135
3.3
820
E91F451VNT821MU65T
45
65
U65
0.112
3.9
1,000
E91F451VNT102MU80T
45
80
U80
0.092
4.7
1,500
E91F451VNT152MUA5T
45
105
UA5
0.061
6.4
820
E91F451VNT821MC50T
50
50
C50
0.121
3.6
1,000
E91F451VNT102MC65T
50
65
C65
0.100
4.3
1,500
E91F451VNT152MC80T
50
80
C80
0.066
5.7
1,800
E91F451VNT182MCA5T
50
105
CA5
0.055
7.1
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
For construction and terminal options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
120
E91F501VSN121MR40T
30
40
R40
0.663
1.0
180
E91F501VSN181MR50T
30
50
R50
0.442
1.4
270
E91F501VSN271MR65T
30
65
R65
0.295
1.9
180
E91F501VSN181MA40T
35
40
A40
0.442
1.5
270
E91F501VSN271MA50T
35
50
A50
0.295
2.0
390
E91F501VND391MA65T
35
65
A65
0.204
2.6


Similar Part No. - E91F451VSN181MR40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E91F451VSN181MR40T CHEMI-CON-E91F451VSN181MR40T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E91F451VSN181MR40T CHEMI-CON-E91F451VSN181MR40T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E91F451VSN181MR40T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VND CHEMI-CON-E92L451VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com