Electronic Components Datasheet Search |
|
E91F451VND471MB50T Datasheet(PDF) 8 Page - United Chemi-Con, Inc. |
|
E91F451VND471MB50T Datasheet(HTML) 8 Page - United Chemi-Con, Inc. |
8 / 32 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 8 U91F Series Engineering Bulletin Aug 2013 400 Volts 450 Volts Surge 385 Volts 435 Volts Surge 350 Volts 400 Volts Surge †For construction and terminal options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. Product specifications are subject to change without notice. Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins. 270 E91F351VSN271MR40T 30 40 R40 0.324 1.5 390 E91F351VSN391MR50T 30 50 R50 0.225 2.0 560 E91F351VSN561MR65T 30 65 R65 0.156 2.6 390 E91F351VSN391MA40T 35 40 A40 0.235 2.0 560 E91F351VSN561MA50T 35 50 A50 0.164 2.7 820 E91F351VND821MA65T 35 65 A65 0.112 3.5 1,000 E91F351VND102MA80T 35 80 A80 0.092 4.1 1,200 E91F351VND122MAA0T 35 100 AA0 0.076 5.0 820 E91F351VND821MB50T 40 50 B50 0.121 3.3 1,200 E91F351VND122MB65T 40 65 B65 0.083 4.3 1,500 E91F351VND152MB80T 40 80 B80 0.066 5.1 1,800 E91F351VND182MBA0T 40 100 BA0 0.055 6.1 820 E91F351VNT821MU50T 45 50 U50 0.131 3.3 1,200 E91F351VNT122MU65T 45 65 U65 0.090 4.4 1,800 E91F351VNT182MU80T 45 80 U80 0.060 5.8 2,200 E91F351VNT222MUA5T 45 105 UA5 0.049 7.1 1,200 E91F351VNT122MC50T 50 50 C50 0.092 4.1 1,800 E91F351VNT182MC65T 50 65 C65 0.066 5.2 2,200 E91F351VNT222MC80T 50 80 C80 0.054 6.3 2,700 E91F351VNT272MCA5T 50 105 CA5 0.044 7.9 220 E91F3J1VSN221MR40T 30 40 R40 0.336 1.5 330 E91F3J1VSN331MR50T 30 50 R50 0.245 1.9 470 E91F3J1VSN471MR65T 30 65 R65 0.174 2.5 330 E91F3J1VSN331MA40T 35 40 A40 0.237 2.0 470 E91F3J1VSN471MA50T 35 50 A50 0.173 2.6 680 E91F3J1VND681MA65T 35 65 A65 0.123 3.3 1,000 E91F3J1VND102MA80T 35 80 A80 0.095 4.0 1,200 E91F3J1VND122MAA0T 35 100 AA0 0.073 5.1 680 E91F3J1VND681MB50T 40 50 B50 0.135 3.1 1,000 E91F3J1VND102MB65T 40 65 B65 0.096 4.0 1,200 E91F3J1VND122MB80T 40 80 B80 0.075 4.8 1,500 E91F3J1VND152MBA0T 40 100 BA0 0.058 6.0 820 E91F3J1VNT821MU50T 45 50 U50 0.118 3.5 1,200 E91F3J1VNT122MU65T 45 65 U65 0.084 4.5 1,500 E91F3J1VNT152MU80T 45 80 U80 0.065 5.5 1,800 E91F3J1VNT182MUA5T 45 105 UA5 0.047 7.2 1,000 E91F3J1VNT102MC50T 50 50 C50 0.094 4.1 1,500 E91F3J1VNT152MC65T 50 65 C65 0.073 5.0 1,800 E91F3J1VNT182MC80T 50 80 C80 0.056 6.2 2,700 E91F3J1VNT272MCA5T 50 105 CA5 0.041 8.2 Standard Voltage Ratings - Snap Mount Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L ( mm ) Maximum ESR ( Ω) at 20 C, 120Hz Rated Ripple Current (A rms) at 105 C, 120Hz 220 E91F401VSN221MR40T 30 40 R40 0.380 1.4 330 E91F401VSN331MR50T 30 50 R50 0.253 1.8 390 E91F401VSN391MR65T 30 65 R65 0.214 2.2 330 E91F401VSN331MA40T 35 40 A40 0.265 1.9 470 E91F401VSN471MA50T 35 50 A50 0.186 2.5 680 E91F401VND681MA65T 35 65 A65 0.129 3.2 820 E91F401VND821MA80T 35 80 A80 0.107 3.8 1,000 E91F401VND102MAA0T 35 100 AA0 0.088 4.7 560 E91F401VND561MB50T 40 50 B50 0.164 2.8 820 E91F401VND821MB65T 40 65 B65 0.112 3.7 1,200 E91F401VND122MB80T 40 80 B80 0.076 4.8 1,500 E91F401VND152MBA0T 40 100 BA0 0.061 5.8 680 E91F401VNT681MU50T 45 50 U50 0.146 3.1 1,000 E91F401VNT102MU65T 45 65 U65 0.100 4.1 |
Similar Part No. - E91F451VND471MB50T |
|
Similar Description - E91F451VND471MB50T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |