Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI123C472K___F Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NLI123C472K___F
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI123C472K___F Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NLI123C472K___F Datasheet HTML 2Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 3Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 4Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 5Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 6Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 7Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 8Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 9Page - NIC-Components Corp. NLI123C472K___F Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI100C STANDARD VALUES (H = 13mm x D = 12mm)
Part Number
Inductance
(mH) @ 1KHz
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(W) max.
I sat
(A)
Irms
(A)
NLI100C3R3M_ _ _F
3.3
±20%
10
7.96MHz
36
0.01
8.8
5.9
NLI100C4R7M_ _ _F
4.7
±20%
10
7.96MHz
28
0.015
7.2
4.8
NLI100C6R8M_ _ _F
6.8
±20%
10
7.96MHz
18
0.016
6.1
4.6
NLI100C100M_ _ _F
10
±20%
20
2.52MHz
16
0.025
5.0
3.7
NLI100C150M_ _ _F
15
±20%
20
2.52MHz
12
0.029
4.2
3.4
NLI100C220K_ _ _F
22
±10%
20
2.52MHz
9.5
0.04
3.4
2.9
NLI100C330K_ _ _F
33
±10%
30
2.52MHz
7.0
0.062
2.8
2.3
NLI100C470K_ _ _F
47
±10%
30
2.52MHz
5.8
0.075
2.3
2.1
NLI100C680K_ _ _F
68
±10%
20
2.52MHz
4.7
0.13
1.9
1.6
NLI100C101K_ _ _F
100
±10%
20
796KHz
3.8
0.16
1.6
1.4
NLI100C151K_ _ _F
150
±10%
20
796KHz
3.1
0.26
1.3
1.1
NLI100C221K_ _ _F
220
±10%
20
796KHz
2.5
0.33
1.1
1.0
NLI100C331K_ _ _F
330
±10%
20
796KHz
2.0
0.52
0.88
0.82
NLI100C471K_ _ _F
470
±10%
10
796KHz
1.6
0.66
0.75
0.72
NLI100C681K_ _ _F
680
±10%
10
796KHz
1.3
1.1
0.61
0.56
NLI100C102K_ _ _F
1,000
±10%
20
252KHz
1.1
1.4
0.51
0.50
NLI100C152K_ _ _F
1,500
±10%
30
252KHz
0.82
2.4
0.43
0.38
NLI100C222K_ _ _F
2,200
±10%
20
252KHz
0.76
3.2
0.35
0.33
NLI100C332K_ _ _F
3,300
±10%
30
252KHz
0.64
4.9
0.28
0.26
NLI100C472K_ _ _F
4,700
±10%
30
252KHz
0.54
7.6
0.24
0.21
NLI100C682K_ _ _F
6,800
±10%
30
252KHz
0.45
9.8
0.20
0.18
NLI100C103K_ _ _F
10,000
±10%
30
79.6KHz
0.38
18
0.17
0.14
NLI100C153K_ _ _F
15,000
±10%
50
79.6KHz
0.29
24
0.13
0.12
NPI102C STANDARD VALUES (H = 15mm x D = 12mm)
Part Number
Inductance
(mH) @ 1KHz
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(W) max.
I sat
(A)
Irms
(A)
NLI102C103K_ _ _F
10,000
±10%
100
79.6KHz
0.35
12
0.18
0.17
NLI102C123K_ _ _F
12,000
±10%
100
79.6KHz
0.31
13
0.16
0.16
NLI102C153K_ _ _F
15,000
±10%
100
79.6KHz
0.28
18
0.14
0.14
NLI102C183K_ _ _F
18,000
±10%
80
79.6KHz
0.26
25
0.13
0.12
NLI102C223K_ _ _F
22,000
±10%
80
79.6KHz
0.22
30
0.12
0.11
NLI102C273K_ _ _F
27,000
±10%
80
79.6KHz
0.20
35
0.11
0.10
NLI102C333K_ _ _F
33,000
±10%
60
79.6KHz
0.19
40
0.10
0.09
NLI102C393K_ _ _F
39,000
±10%
60
79.6KHz
0.17
50
0.09
0.08
NLI102C473K_ _ _F
47,000
±10%
60
79.6KHz
0.15
50
0.080
0.075
NLI102C563K_ _ _F
56,000
±10%
40
79.6KHz
0.13
65
0.075
0.070
NLI102C683K_ _ _F
68,000
±10%
40
79.6KHz
0.12
70
0.070
0.065
NLI102C823K_ _ _F
82,000
±10%
30
79.6KHz
0.10
100
0.060
0.055
NLI102C104K_ _ _F
100,000
±10%
30
79.6KHz
0.10
135
0.055
0.045
NLI__C Series
NLI Radial Power Inductors
Irm maximum +20°C temperature rise, Isat DL -10% max.
Irm maximum +20°C temperature rise, Isat DL -10% max.
* Contact NIC for other tolerance options.
* Contact NIC for other tolerance options.


Similar Part No. - NLI123C472K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI121H100M-F NIC-NLI121H100M-F Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI121H101K-F NIC-NLI121H101K-F Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI121H150K-F NIC-NLI121H150K-F Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI121H151K-F NIC-NLI121H151K-F Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI121H220K-F NIC-NLI121H220K-F Datasheet
106Kb / 3P
   NLI Radial Power Inductors
More results

Similar Description - NLI123C472K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com