Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4257CS8-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4257CS8-1
Description  Power over Ethernet Interface Controller with Dual Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4257CS8-1 Datasheet HTML 6Page - Linear Technology LTC4257CS8-1 Datasheet HTML 7Page - Linear Technology LTC4257CS8-1 Datasheet HTML 8Page - Linear Technology LTC4257CS8-1 Datasheet HTML 9Page - Linear Technology LTC4257CS8-1 Datasheet HTML 10Page - Linear Technology LTC4257CS8-1 Datasheet HTML 11Page - Linear Technology LTC4257CS8-1 Datasheet HTML 12Page - Linear Technology LTC4257CS8-1 Datasheet HTML 13Page - Linear Technology LTC4257CS8-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4257-1
10
42571fa
Undervoltage Lockout
The IEEE specification dictates a maximum turn-on volt-
age of 42V and a minimum turn-off voltage of 30V for the
PD. In addition, the PD must maintain large on-off hyster-
esis to prevent resistive losses in the wiring between the
PSE and the PD from causing start-up oscillation. The
LTC4257-1 incorporates an undervoltage lockout (UVLO)
circuit that monitors line voltage to determine when to
apply power to the PD load (Figure 6). Before power is
applied to the load, the VOUT pin is high impedance and
sitting at ground potential since there is no charge on
capacitor C1. When the input voltage rises above the UVLO
turn-on threshold, the LTC4257-1 removes the classifica-
tion load current and turns on the internal power MOSFET.
C1 charges up under LTC4257-1 current limit control and
the VOUT pin transitions from 0V to VIN. This sequence is
shown in Figure 1. The LTC4257-1 includes a hysteretic
UVLO circuit that keeps power applied to the load until the
input voltage falls below the UVLO turn-off threshold.
Once the input voltage drops below –30V, the internal
power MOSFET is turned off and the classification load
current is re-enabled. C1 will discharge through the PD
circuitry and the VOUT pin will go to a high impedance state.
Input Current Limit
IEEE 802.3af specifies a maximum inrush current and also
specifies a minimum load capacitor between the GND and
VOUT pins. To control turn-on surge current in the system,
the LTC4257-1 integrates a dual level current limit circuit
with an onboard power MOSFET and sense resistor to
provide a complete inrush control circuit without additional
external components. At turn on, the LTC4257-1 will limit
input current to the low level, allowing the load capacitor
to ramp up to the line voltage in a controlled manner.
The LTC4257-1 has been specifically designed to interface
with legacy PSEs which do not meet the inrush current
requirement of the IEEE 802.3af specification. This is
APPLICATIO S I FOR ATIO
GND
C1
5
µF
MIN
VIN
8
4
VOUT 5
LTC4257-1
42571 F06
TO
PSE
UNDERVOLTAGE
LOCKOUT
CIRCUIT
PD
LOAD
CURRENT-LIMITED
TURN ON
+
INPUT
LTC4257-1
VOLTAGE
POWER MOSFET
0V TO UVLO*
OFF
>UVLO*
ON
*UVLO INCLUDES HYSTERESIS
RISING INPUT THRESHOLD
≅ –36V
FALLING INPUT THRESHOLD
≅ –30.5V
Figure 6. LTC4257-1 Undervoltage Lockout


Similar Part No. - LTC4257CS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257CS8 LINER-LTC4257CS8 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
More results

Similar Description - LTC4257CS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
308Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com