Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED8106 Datasheet(PDF) 4 Page - Altera Corporation

Part # ED8106
Description  Single-Rail PWM controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ED8106 Datasheet(HTML) 4 Page - Altera Corporation

  ED8106 Datasheet HTML 1Page - Altera Corporation ED8106 Datasheet HTML 2Page - Altera Corporation ED8106 Datasheet HTML 3Page - Altera Corporation ED8106 Datasheet HTML 4Page - Altera Corporation ED8106 Datasheet HTML 5Page - Altera Corporation ED8106 Datasheet HTML 6Page - Altera Corporation ED8106 Datasheet HTML 7Page - Altera Corporation ED8106 Datasheet HTML 8Page - Altera Corporation ED8106 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ED8106
IC Characteristics
Note: The absolute maximum ratings are stress ratings only. The ED8106 might not function or be operable above the
recommended operating conditions. Stresses exceeding the absolute maximum ratings might also damage the device. In
addition, extended exposure to stresses above the recommended operating conditions might affect device reliability.
Altera does not recommend designing to the “Absolute Maximum Ratings.”
Absolute Maximum Ratings
PARAMETER
PINS
CONDITIONS
MIN
TYP
MAX
UNITS
Supply voltages
5 V supply voltage
VDD50
dV/dt < 0.15V/µs
-0.3
5.5
V
Maximum slew rate
0.15
V/µs
3.3 V supply voltage
VDD33
-0.3
3.6
V
1.8 V supply voltage
VDD18
AVDD18
-0.3
2.0
V
Digital pins
Digital I/O pins
GPIOx
CONTROL
PGOOD
LSE
PWM
-0.3
5.5
V
Analog pins
Current sensing
ISNSP
ISNSN
-0.3
5.5
V
Voltage feedback
VFBP
VFBN
-0.3
2.0
V
All other analog pins
ADCVREF
VREFP
TEMP
VIN
CONFIGx
-0.3
2.0
V
Ambient conditions
Storage temperature
-40
150
°C
Electrostatic discharge
– Human Body Model
1)
+/-2k
V
Electrostatic discharge
– Charge Device Model
1)
+/- 500
V
Note 1: ESD testing is performed according to the respective JESD22 JEDEC standard.
Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient conditions
Operation temperature
TAMB
-40
85
°C
Thermal resistance junction to
ambient
θ
JA
40
K/W
www.altera.com/enpirion, Page 4
09354
April 24, 2014
Rev C


Similar Part No. - ED8106

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ED8101 ALTERA-ED8101 Datasheet
958Kb / 23P
   Single-Rail PWM controller
More results

Similar Description - ED8106

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ED8101 ALTERA-ED8101 Datasheet
958Kb / 23P
   Single-Rail PWM controller
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
logo
List of Unclassifed Man...
ZSPM1025C ETC2-ZSPM1025C Datasheet
2Mb / 40P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1035A ETC2-ZSPM1035A Datasheet
2Mb / 47P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025A RENESAS-ZSPM1025A Datasheet
1Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com