Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5336QI Datasheet(PDF) 10 Page - Altera Corporation

Part # EN5336QI
Description  Output Voltage Programming
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5336QI Datasheet(HTML) 10 Page - Altera Corporation

Back Button EN5336QI Datasheet HTML 6Page - Altera Corporation EN5336QI Datasheet HTML 7Page - Altera Corporation EN5336QI Datasheet HTML 8Page - Altera Corporation EN5336QI Datasheet HTML 9Page - Altera Corporation EN5336QI Datasheet HTML 10Page - Altera Corporation EN5336QI Datasheet HTML 11Page - Altera Corporation EN5336QI Datasheet HTML 12Page - Altera Corporation EN5336QI Datasheet HTML 13Page - Altera Corporation EN5336QI Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
EN5336QI
10
www.altera.com/enpirion
of VOUT and below the user programmed OVP
trip-point. If the output voltage goes outside of
this range, the POK signal will be a logic low until
the output voltage has returned to within this
range. In the event of an over-voltage condition
the POK signal will go low and will remain in this
condition until the output voltage has dropped to
95% of the programmed output voltage before
returning to the high state.
NOTE: If no over voltage protection is used, POK
will remain “high” as long as V
OUT remains above
90% of the nominal VOUT setting.
Over-Current Protection
The current limit function is achieved by sensing
the
current
flowing
through
the
sense
P-
MOSFET. When the sensed current exceeds the
current limit, both NFET and PFET switches are
turned
off.
If
the
over-current
condition
is
removed, the over-current protection circuit will
enable
the
PWM operation.
This
circuit is
designed to provide high noise immunity.
The nominal over current trip point is set to 4.5A.
It is possible to increase the over-current set
point by about 50% by connecting a 7.5k
resistor between ROCP (pin 27) and GND. The
typical voltage at the ROCP pin is 0.75V.
In some cases, such as the start-up of FPGA
devices, it is desirable to blank the over-current
protection feature. In order to disable over-
current protection, the ROCP pin should be tied
to any voltage between 2.5V and PVIN.
Over-Voltage Protection
When the output voltage exceeds 120% of the
programmed output voltage, the PWM operation
stops, the lower N-MOSFET is turned on and the
POK signal goes low. When the output voltage
drops below 95% of the programmed output
voltage, normal PWM operation resumes and
POK returns to its high state.
Thermal Overload Protection
Thermal shutdown will disable operation once
the Junction temperature exceeds approximately
150ºC. Once the junction temperature drops by
approx 25ºC, the converter will re-start with a
normal soft-start.
Input Under-voltage Lock-out
Circuitry is provided to ensure that when the
input voltage is below the specified voltage
range, the converter will not start-up. Circuits for
hysteresis, input de-glitch and output leading
edge blanking are included to ensure high noise
immunity and prevent false tripping.
Compensation
The
EN5336QI
is
internally
compensated
through the use of a type 3 compensation
network and is optimized for use with about 50uF
of output capacitance and will provide excellent
loop bandwidth and transient performance for
most applications. (See the section on Capacitor
Selection for details on recommended capacitor
types.) Voltage mode operation provides high
noise immunity at light load.
In some cases modifications to the compensation
may be required. For more information, contact
Power Applications support.


Similar Part No. - EN5336QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
More results

Similar Description - EN5336QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
   HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
   HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
Vishay Siliconix
71128 VISHAY-71128 Datasheet
77Kb / 7P
   Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters
28-Jan-00
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com