Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5339QI Datasheet(PDF) 7 Page - Altera Corporation

Part # EN5339QI
Description  Converter with Integrated Inductor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5339QI Datasheet(HTML) 7 Page - Altera Corporation

Back Button EN5339QI Datasheet HTML 3Page - Altera Corporation EN5339QI Datasheet HTML 4Page - Altera Corporation EN5339QI Datasheet HTML 5Page - Altera Corporation EN5339QI Datasheet HTML 6Page - Altera Corporation EN5339QI Datasheet HTML 7Page - Altera Corporation EN5339QI Datasheet HTML 8Page - Altera Corporation EN5339QI Datasheet HTML 9Page - Altera Corporation EN5339QI Datasheet HTML 10Page - Altera Corporation EN5339QI Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
EN5339QI
www.altera.com/enpirion, Page 7
Typical Performance Curves (Continued)
1.14
1.16
1.18
1.2
1.22
1.24
1.26
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.2V
CONDITIONS
VIN = 5V
2.44
2.46
2.48
2.5
2.52
2.54
2.56
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 2.5V
CONDITIONS
VIN = 3.3V
1.74
1.76
1.78
1.8
1.82
1.84
1.86
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.8V
CONDITIONS
VIN = 3.3V
1.14
1.16
1.18
1.2
1.22
1.24
1.26
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.2V
CONDITIONS
VIN = 3.3V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.5
3.1
3.7
4.3
4.9
5.5
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 5mA
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.5
3.1
3.7
4.3
4.9
5.5
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 500mA
06903
June 26, 2015
Rev E


Similar Part No. - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5339QI-E ENPIRION-EN5339QI-E Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVM3620A-QV-00A MPS-EVM3620A-QV-00A Datasheet
328Kb / 6P
   24V/2A Module Converter with Integrated Inductor Evaluation Board
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Monolithic Power System...
EVM3606A-QV-00A MPS-EVM3606A-QV-00A Datasheet
240Kb / 6P
   21V/0.6A Module Converter with Integrated Inductor Evaluation Board
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
   36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Union Semiconductor, In...
UM3502QA UNIONSEMI-UM3502QA Datasheet
559Kb / 13P
   Low-Profile, 600mA, Synchronous Step-Down Converter with Integrated Inductor
logo
Monolithic Power System...
MPM3510A MPS-MPM3510A Datasheet
544Kb / 22P
   36V/1.2A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
   1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com