Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN6337QA Datasheet(PDF) 2 Page - Altera Corporation

Part # EN6337QA
Description  Integrated Inductor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN6337QA Datasheet(HTML) 2 Page - Altera Corporation

  EN6337QA Datasheet HTML 1Page - Altera Corporation EN6337QA Datasheet HTML 2Page - Altera Corporation EN6337QA Datasheet HTML 3Page - Altera Corporation EN6337QA Datasheet HTML 4Page - Altera Corporation EN6337QA Datasheet HTML 5Page - Altera Corporation EN6337QA Datasheet HTML 6Page - Altera Corporation EN6337QA Datasheet HTML 7Page - Altera Corporation EN6337QA Datasheet HTML 8Page - Altera Corporation EN6337QA Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
EN6337QA
www.altera.com/enpirion, Page 2
Ordering Information
Part Number
Package Markings
TA (°C)
Package Description
EN6337QA
N6337A
-40 to +105
38-pin (4mm x 7mm x 1.85mm) QFN T&R
EVB-EN6337QA
N6337A
QFN Evaluation Board
Packing and Marking Information: www.altera.com/support/reliability/packing/rel-packing-and-marking.html
Pin Assignments (Top View)
Figure 3: Pin Out Diagram (Top View)
NOTE A: NC pins are not to be electrically connected to each other or to any external signal, ground, or voltage.
However, they must be soldered to the PCB. Failure to follow this guideline may result in part malfunction or damage.
NOTE B: Shaded area highlights exposed metal below the package that is not to be mechanically or electrically
connected to the PCB. Refer to Figure 11 for details.
NOTE C: White ‘dot’ on top left is pin 1 indicator on top of the device package.
Pin Description
PIN
NAME
FUNCTION
1-2, 12,
34-38
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. They are not to be electrically connected to any external signal, ground, or
voltage. Failure to follow this guideline may result in damage to the device.
3-4
NC
NO CONNECT – These pins may be internally connected. Do not connect to each other or to
any other electrical signal. Failure to follow this guideline may result in device damage.
5-11
VOUT
Regulated converter output. Connect these pins to the load and place output capacitor
between these pins and PGND pins 13-15.
13-18
PGND
Input/Output power ground. Connect these pins to the ground electrode of the input and output
filter capacitors. See VOUT and PVIN pin descriptions for more details.
19-21
PVIN
Input power supply. Connect to input power supply. Decouple with input capacitor to PGND
pins 16-18.
22
PG
PMOS gate. Connect a 560 Ohm resistor from PVIN to PG. An optional capacitor (22nF) may
be placed from PG to BGND to help filter PG in noisy environments.
23
BTMP
Bottom plate ground.
NC(SW)
NC
NC
VOUT
VOUT
1
2
3
4
5
6
KEEP OUT
BGND
VDDB
BTMP
PG
PVIN
25
24
23
22
21
20
NC(SW)
PVIN
39
PGND
10395
June 26, 2015
Rev B


Similar Part No. - EN6337QA

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
logo
Enpirion, Inc.
EN6337QI-E ENPIRION-EN6337QI-E Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI3 ENPIRION-EN6337QI3 Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN6337QA

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
EN5312QI ALTERA-EN5312QI Datasheet
990Kb / 16P
   Integrated Inductor
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
   Integrated Inductor
EN63A0QI ALTERA-EN63A0QI Datasheet
2Mb / 25P
   Integrated Inductor
EP5348UI ALTERA-EP5348UI Datasheet
822Kb / 12P
   Integrated Inductor
EP5358LUA ALTERA-EP5358LUA Datasheet
1Mb / 21P
   Integrated Inductor
EN6310QI ALTERA-EN6310QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6360QA ALTERA-EN6360QA Datasheet
1Mb / 24P
   Integrated Inductor
EN63A0QA ALTERA-EN63A0QA Datasheet
1Mb / 25P
   Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com