Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN6360QI Datasheet(PDF) 8 Page - Altera Corporation

Part # EN6360QI
Description  DC-DC Buck with Integrated Inductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN6360QI Datasheet(HTML) 8 Page - Altera Corporation

Back Button EN6360QI Datasheet HTML 4Page - Altera Corporation EN6360QI Datasheet HTML 5Page - Altera Corporation EN6360QI Datasheet HTML 6Page - Altera Corporation EN6360QI Datasheet HTML 7Page - Altera Corporation EN6360QI Datasheet HTML 8Page - Altera Corporation EN6360QI Datasheet HTML 9Page - Altera Corporation EN6360QI Datasheet HTML 10Page - Altera Corporation EN6360QI Datasheet HTML 11Page - Altera Corporation EN6360QI Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EN6360QI
Typical Performance Curves (Continued)
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.0V
CONDITIONS
VIN = 5.0V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.4
3
3.6
4.2
4.8
5.4
6
6.6
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 0A
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.4
3
3.6
4.2
4.8
5.4
6
6.6
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 4A
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.4
3
3.6
4.2
4.8
5.4
6
6.6
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 8A
1.794
1.795
1.796
1.797
1.798
1.799
1.800
1.801
1.802
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 6.6V
VOUT_NOM = 1.8V
1.794
1.795
1.796
1.797
1.798
1.799
1.800
1.801
1.802
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 2A
LOAD = 4A
LOAD = 6A
LOAD = 8A
CONDITIONS
VIN = 5V
VOUT_NOM = 1.8V
www.altera.com/enpirion, Page 8
06489
March 24, 2015
Rev G


Similar Part No. - EN6360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6360QI ENPIRION-EN6360QI Datasheet
1Mb / 24P
   8A Synchronous Highly Integrated DC-DC PowerSoC
EN6360QI-E ENPIRION-EN6360QI-E Datasheet
1Mb / 24P
   8A Synchronous Highly Integrated DC-DC PowerSoC
More results

Similar Description - EN6360QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6362QI ALTERA-EN6362QI Datasheet
1Mb / 21P
   DC-DC Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
   1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
   2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com