Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40-18SURKWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # SA40-18SURKWA
Description  101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA40-18SURKWA Datasheet(HTML) 3 Page - Kingbright Corporation

  SA40-18SURKWA Datasheet HTML 1Page - Kingbright Corporation SA40-18SURKWA Datasheet HTML 2Page - Kingbright Corporation SA40-18SURKWA Datasheet HTML 3Page - Kingbright Corporation SA40-18SURKWA Datasheet HTML 4Page - Kingbright Corporation SA40-18SURKWA Datasheet HTML 5Page - Kingbright Corporation SA40-18SURKWA Datasheet HTML 6Page - Kingbright Corporation SA40-18SURKWA Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAM8420
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301001636
Hyper Red
SA40-18SURKWA


Similar Part No. - SA40-18SURKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA40-18SRWA KINGBRIGHT-SA40-18SRWA Datasheet
185Kb / 5P
   100mm (4.0inch) SINGLE DIGIT NUMERIC DISPLAYS
SA40-18SRWA KINGBRIGHT-SA40-18SRWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SA40-18SYKWA KINGBRIGHT-SA40-18SYKWA Datasheet
391Kb / 7P
   101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA40-18SURKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA40-18SYKWA KINGBRIGHT-SA40-18SYKWA Datasheet
391Kb / 7P
   101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-18SURKWA KINGBRIGHT-SC40-18SURKWA Datasheet
392Kb / 7P
   101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-18CGKWA KINGBRIGHT-SC40-18CGKWA Datasheet
389Kb / 7P
   101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-18SYKWA KINGBRIGHT-SC40-18SYKWA Datasheet
391Kb / 7P
   101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SA40-18CGKWA KINGBRIGHT-SA40-18CGKWA Datasheet
389Kb / 7P
   101.2mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-19EWA KINGBRIGHT-SC40-19EWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-18SRWA KINGBRIGHT-SC40-18SRWA Datasheet
241Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SC40-19SRWA KINGBRIGHT-SC40-19SRWA Datasheet
242Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SA40-18YWA KINGBRIGHT-SA40-18YWA Datasheet
244Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
SA40-19YWA KINGBRIGHT-SA40-19YWA Datasheet
243Kb / 5P
   100mm (4.0INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com