Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4092ASA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4092ASA
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4092ASA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4092ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 9Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 10Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 11Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 12Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 13Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 14Page - Maxim Integrated Products MAX4092ASA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
______________________________________________________________________________________
11
Test Circuits/Timing Diagrams (continued)
RESISTIVE LOAD (k
Ω)
10
1000
10,000
100
100
1
UNSTABLE REGION
VCC = 5V
VOUT = VCC/2
RL TO VEE
AV = 1
Figure 4. Capacitive-Load Stable Region Sourcing Current
VIN
50mV/div
10
µs/div
VOUT
50mV/div
RL =
Figure 5. MAX4092 Voltage Follower with 1000pF Load
VIN
50mV/div
10
µs/div
VOUT
50mV/div
RL = 5k
Figure 6a. MAX4092 Voltage Follower with 500pF Load
(RL = 5k
Ω)
VIN
50mV/div
10
µs/div
VOUT
50mV/div
RL = 20k
Figure 6b. MAX4092 Voltage Follower with 500pF Load
(RL = 20k
Ω)


Similar Part No. - MAX4092ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX409 MAXIM-MAX409 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090 Datasheet
729Kb / 15P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4090 MAXIM-MAX4090 Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
More results

Similar Description - MAX4092ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com