Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC05-11SYKWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # SC05-11SYKWA
Description  12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC05-11SYKWA Datasheet(HTML) 5 Page - Kingbright Corporation

  SC05-11SYKWA Datasheet HTML 1Page - Kingbright Corporation SC05-11SYKWA Datasheet HTML 2Page - Kingbright Corporation SC05-11SYKWA Datasheet HTML 3Page - Kingbright Corporation SC05-11SYKWA Datasheet HTML 4Page - Kingbright Corporation SC05-11SYKWA Datasheet HTML 5Page - Kingbright Corporation SC05-11SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAM8445
REV NO: V.2A
DATE: MAR/30/2015
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1301003047


Similar Part No. - SC05-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
481Kb / 5P
   12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
195Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11SURKWA KINGBRIGHT-SC05-11SURKWA Datasheet
343Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC05-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
195Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11EWA KINGBRIGHT-SA05-11EWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11CGKWA KINGBRIGHT-SA05-11CGKWA Datasheet
351Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SYKWA KINGBRIGHT-SA05-11SYKWA Datasheet
354Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11YWA KINGBRIGHT-SA05-11YWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11GWA KINGBRIGHT-SA05-11GWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SRWA KINGBRIGHT-SA05-11SRWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11GWA KINGBRIGHT-SC05-11GWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11EWA KINGBRIGHT-SC05-11EWA Datasheet
198Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SURKWA KINGBRIGHT-SA05-11SURKWA Datasheet
352Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11YWA KINGBRIGHT-SC05-11YWA Datasheet
198Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com