Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4750ETE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4750ETE
Description  50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4750ETE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4750ETE Datasheet HTML 1Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 2Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX4747–MAX4750 low-voltage, quad single-pole
single-throw (SPST)/dual single-pole/double-throw
(SPDT) analog switches operate from a single +2V to
+11V supply and handle rail-to-rail analog signals.
These switches exhibit low leakage current (0.1nA) and
consume less than 0.5nW (typ) of quiescent power,
making them ideal for battery-powered applications.
When powered from a +3V supply, these switches fea-
ture 50
Ω (max) on-resistance (RON), with 3.5Ω (max)
matching between channels and 9
Ω (max) flatness
over the specified signal range.
The MAX4747 has four normally open (NO) switches, the
MAX4748 has four normally closed (NC) switches, and
the MAX4749 has two NO and two NC switches. The
MAX4750 has two SPDT switches. These switches are
available in 14-pin TSSOP, 16-pin thin QFN (4mm x
4mm), and 16-bump chip-scale packages (UCSP™). This
tiny chip-scale package occupies a 2mm 2mm area
and significantly reduces the required PC board area.
Applications
Battery-Powered Systems
Audio/Video-Signal Routing
Low-Voltage Data-Acquisition Systems
Cell Phones
Communications Circuits
Glucose Meters
PDAs
Features
♦ 2mm 2mm UCSP
♦ Guaranteed On-Resistance (RON)
25
Ω (max) at +5V
50
Ω (max) at +3V
♦ On-Resistance Matching
3
Ω (max) at +5V
3.5
Ω (max) at +3V
♦ Guaranteed <0.1nA Leakage Current at
TA = +25°C
♦ Single-Supply Operation from +2.0V to +11V
♦ TTL/CMOS-Logic Compatible
♦ -84dB Crosstalk (1MHz)
♦ -72dB Off-Isolation (1MHz)
♦ Low Power Consumption: 0.5nW (typ)
♦ Rail-to-Rail Signal Handling
50
Ω Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2646; Rev 1; 6/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-/BUMP-
PACKAGE
TOP
MARK
MAX4747EUD
-40°C to +85°C
14 TSSOP
MAX4747ETE
-40°C to +85°C
16 Thin QFN
MAX4747EBE-T
-40°C to +85°C
16 UCSP-16
4747
TOP VIEW
TOP VIEW
INPUT
SWITCH STATE
LOW
HIGH
OFF
ON
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX4747
TSSOP
V+
IN1
IN4
NO4
COM4
COM3
NO3
COM2
NO2
COM1
NO1
GND
IN3
IN2
(BUMPS SIDE DOWN)
UCSP
1
A
B
C
D
23
4
NO2
COM2
IN2
COM1
NO1
V+
IN3
IN1
GND
NO3
IN4
NO4
COM4
COM3
16
15
14
13
9
10
11
12
COM3
COM4
NO4
IN4
4
3
2
1
IN2
COM2
NO2
COM1
567
8
MAX4747ETE
THIN QFN
Pin Configurations/Truth Tables
UCSP is a trademark of Maxim Integrated Products, Inc.
Pin Configurations/Truth Tables continued at end of data sheet.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX4750ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4750ETE MAXIM-MAX4750ETE Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
More results

Similar Description - MAX4750ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com