Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4288C09 Datasheet(PDF) 9 Page - GSI Technology

Part # GS4288C09
Description  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 5Page - GSI Technology GS4288C09 Datasheet HTML 6Page - GSI Technology GS4288C09 Datasheet HTML 7Page - GSI Technology GS4288C09 Datasheet HTML 8Page - GSI Technology GS4288C09 Datasheet HTML 9Page - GSI Technology GS4288C09 Datasheet HTML 10Page - GSI Technology GS4288C09 Datasheet HTML 11Page - GSI Technology GS4288C09 Datasheet HTML 12Page - GSI Technology GS4288C09 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
9/62
© 2011, GSI Technology
Power–Up Initialization Flow Chart
VDD and VEXT ramp
VDDQ ramp
Apply VREF and VTT
Apply stable CK/CK and DK/DK
Wait at least 200
s
Issue MRS command—A10–A17 must be Low
Issue MRS command—A10–A17 must be Low
Desired load mode register with A10–A17 Low
Assert NOP for tMRSC
Issue AUTO REFRESH to bank 0
Issue AUTO REFRESH to bank 1
Issue AUTO REFRESH to bank 2
Issue AUTO REFRESH to bank 3
Issue AUTO REFRESH to bank 4
Issue AUTO REFRESH to bank 5
Issue AUTO REFRESH to bank 6
Issue AUTO REFRESH to bank 7
Wait 1024 NOP commands*
Valid command
Step
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Voltage rails can
be applied
simultaneously
MRS commands
must be on
consecutive
clock cycles
*Note:
The sequence of the eight AUTO REFRESH commands (with respect to the 1024 NOP commands) does not matter. As is required for any
operation, tRC must be met between an AUTO REFRESH command and a subsequent VALID command to the same bank.


Similar Part No. - GS4288C09

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
logo
GTM CORPORATION
GS420SD GTM-GS420SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
logo
GTM CORPORATION
GS421SD GTM-GS421SD Datasheet
150Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
More results

Similar Description - GS4288C09

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS8256436GD-250I GSI-GS8256436GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Integrated Silicon Solu...
IS45S81600E ISSI-IS45S81600E Datasheet
870Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
IS42S81600E ISSI-IS42S81600E Datasheet
934Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com