Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8182S08 Datasheet(PDF) 7 Page - GSI Technology

Part # GS8182S08
Description  18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182S08 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS8182S08 Datasheet HTML 3Page - GSI Technology GS8182S08 Datasheet HTML 4Page - GSI Technology GS8182S08 Datasheet HTML 5Page - GSI Technology GS8182S08 Datasheet HTML 6Page - GSI Technology GS8182S08 Datasheet HTML 7Page - GSI Technology GS8182S08 Datasheet HTML 8Page - GSI Technology GS8182S08 Datasheet HTML 9Page - GSI Technology GS8182S08 Datasheet HTML 10Page - GSI Technology GS8182S08 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
GS8182S08/09/18/36BD-400/375/333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03c 11/2011
7/36
© 2007, GSI Technology
protocol like that offered on the SigmaCIO devices. Therefore, while SigmaQuad SRAMs allow a user to operate both data ports at
the same time, they force alternating loads of read and write addresses. SigmaSIO SRAMs allow continuous loads of read or write
addresses like SigmaCIO SRAMs, but in a separate I/O configuration.
Like a SigmaQuad SRAM, a SigmaSIO DDR-II SRAM can execute an alternating sequence of reads and writes. However, doing
so results in the Data In port and the Data Out port stalling with nothing to do on alternate transfers. A SigmaQuad device would
keep both ports running at capacity full time. On the other hand, the SigmaSIO device can accept a continuous stream of read
commands and read data or a continuous stream of write commands and write data. The SigmaQuad device, by contrast, restricts
the user from loading a continuous stream of read or write addresses. The advantage of the SigmaSIO device is that it allows twice
the random address bandwidth for either reads or writes than could be acheived with a SigmaQuad version of the device.
SigmaCIO SRAMs offer this same advantage, but do not have the separate Data In and Data Out pins offered on the SigmaSIO
SRAMs. Therefore, SigmaSIO devices are useful in psuedo dual port SRAM applications where communication of burst traffic
between two electrically independent busses is desired.
Each of the three SigmaQuad Family SRAMs—SigmaQuad, SigmaCIO, and SigmaSIO—supports similar address rates because
random address rate is determined by the internal performance of the RAM. In addition, all three SigmaQuad Family SRAMs are
based on the same internal circuits. Differences between the truth tables of the different devices proceed from differences in how
the RAM’s interface is contrived to interact with the rest of the system. Each mode of operation has its own advantages and
disadvantages. The user should consider the nature of the work to be done by the RAM to evaluate which version is best suited to
the application at hand.
Burst of 2 Sigma SIO-II SRAM DDR Read
The status of the Address Input, R/W, and LD pins are sampled at each rising edge of K. LD high causes chip disable. A high on
the R/W pin begins a read cycle. The two resulting data output transfers begin after the next rising edge of the K clock. Data is
clocked out by the next rising edge of the C if it is active. Otherwise, data is clocked out at the next rising edge of K. The next data
chunk is clocked out on the rising edge of C, if active. Otherwise, data is clocked out on the rising edge of K.
Burst of 2 Sigma SIO-II SRAM DDR Write
The status of the Address Input, R/W, and LD pins are sampled at each rising edge of K. LD high causes chip disable. A low on the
R/W pin, begins a write cycle. Data is clocked in by the next rising edge of K and then the rising edge of K.


Similar Part No. - GS8182S08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-167 GSI-GS8182S18D-167 Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-167I GSI-GS8182S18D-167I Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-200 GSI-GS8182S18D-200 Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-200I GSI-GS8182S18D-200I Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
More results

Similar Description - GS8182S08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BGD-167 GSI-GS8182Q36BGD-167 Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q09BD-200I GSI-GS8182Q09BD-200I Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BD-167I GSI-GS8182Q36BD-167I Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com