Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5470 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF5470
Description  MCF547x Integrated Microprocessor Electrical Characteristics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5470 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF5470 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
FlexBus
MCF547x Integrated Microprocessor Electrical Characteristics, Rev. 2
Freescale Semiconductor
9
8.1
FlexBus AC Timing Characteristics
The following timing numbers indicate when data will be latched or driven onto the external bus, relative
to the system clock.
Table 10. FlexBus AC Timing Specifications
Num
Characteristic
Min
Max
Unit
Notes
Frequency of Operation
30
66
Mhz
1
NOTES:
1
The frequency of operation is the same as the PCI frequency of operation. The MCF547X supports a single
external reference clock (CLKIN). This signal defines the frequency of operation for both FlexBus and PCI.
FB1
Clock Period (CLKIN)
15.15
33.33
ns
2
2
Max cycle rate is determined by CLKIN and how the user has the system PLL configured.
FB2
Address, Data, and Control Output Valid (AD[31:0], FBCS[5:0],
R/W, ALE, TSIZ[1:0], BE/BWE[3:0], OE, and TBST)
—7.0
ns
3
3
Timing for chip selects only applies to the FBCS[5:0] signals. Please see Section 9.2, “DDR SDRAM AC
Timing Characteristics” for SDCS[3:0] timing.
FB3
Address, Data, and Control Output Hold ((AD[31:0], FBCS[5:0],
R/W, ALE, TSIZ[1:0], BE/BWE[3:0], OE, and TBST)
1—
ns
3, 4
4
The FlexBus supports programming an extension of the address hold. Please consult the MCF547X
specification manual for more information.
FB4
Data Input Setup
3.5
ns
FB5
Data Input Hold
0
ns
FB6
Transfer Acknowledge (TA) Input Setup
4
ns
FB7
Transfer Acknowledge (TA) Input Hold
0
ns
FB8
Address Output Valid (PCIAD[31:0])
7.0
ns
5
5
These specs are used when the PCIAD[31:0] signals are configured as 32-bit, non-muxed FlexBus address
signals.
FB9
Address Output Hold (PCIAD[31:0])
0
ns
5


Similar Part No. - MCF5470

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5470 FREESCALE-MCF5470 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5470 FREESCALE-MCF5470 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5470EC FREESCALE-MCF5470EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
More results

Similar Description - MCF5470

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5475 FREESCALE-MCF5475 Datasheet
506Kb / 30P
   Integrated Microprocessor Electrical Characteristics
MCF5485 FREESCALE-MCF5485 Datasheet
508Kb / 30P
   Integrated Microprocessor Electrical Characteristics
MCF548X FREESCALE-MCF548X Datasheet
496Kb / 28P
   Microprocessor Electrical Characteristics
MCF5480 FREESCALE-MCF5480 Datasheet
790Kb / 28P
   Microprocessor Electrical Characteristics
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com