Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100203880005 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100203880005
Description  M 2.54 SRC-A, 6/2-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100203880005 Datasheet(HTML) 1 Page - ERNI Electronics

  100203880005 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,54
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Abspulrichtung -
Reel off Direction
330
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 440 Stück
Packaging unit: 440 pcs
5,05
a1
3
4,2
3,6
3,6
2,54 = (12,7)
2,54
18
5 x
19 ±0,05
20,5
21,7
3:1
Information:
K
100203880005
www.ERNI.com
contact one of the ERNI companies
M 2,54 SRC-A 6/2-polig
Tolerances
Scale
All Dimensions
in mm
A3
SRCA
Class
Index
before using.
version of this drawing, please
Drawing will not be updated.
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
PCB-Layout Proposal for SMT
Leiterplatten-Layout Vorschlag für SMT
a1
5 x 2,54 = 12,7
0,4
19
-0,03
1,02
1,95
±0,05
1,6
3,15 ±0,03
a1
20
Codierung grün -
coding green
Pos.: 2, 3, 4, 5, unbestückt -
not assembled


Similar Part No. - 100203880005

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203880001 ERNI-100203880001 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100203880002 ERNI-100203880002 Datasheet
78Kb / 1P
   Messerleiste. SMC-Q 16-SMD-BA8-13
More results

Similar Description - 100203880005

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100303880005 ERNI-100303880005 Datasheet
53Kb / 1P
   M 2.54 SRC-A, 6/2-polig
100103880005 ERNI-100103880005 Datasheet
53Kb / 1P
   M 2.54 SRC-A 6/2-polig
100103210082 ERNI-100103210082 Datasheet
58Kb / 1P
   M 2.54 SRC-A,6-polig
100104210001 ERNI-100104210001 Datasheet
58Kb / 1P
   M 2.54 SRC-A, 6-polig
100604240001 ERNI-100604240001 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100102480005 ERNI-100102480005 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100403210131 ERNI-100403210131 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100104260002 ERNI-100104260002 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2- polig
100102950001 ERNI-100102950001 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
100203880001 ERNI-100203880001 Datasheet
51Kb / 1P
   M 2.54 SRC-A, 2-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com