Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9020 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9020
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9020 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9020 Datasheet HTML 1Page - Maxim Integrated Products MAX9020 Datasheet HTML 2Page - Maxim Integrated Products MAX9020 Datasheet HTML 3Page - Maxim Integrated Products MAX9020 Datasheet HTML 4Page - Maxim Integrated Products MAX9020 Datasheet HTML 5Page - Maxim Integrated Products MAX9020 Datasheet HTML 6Page - Maxim Integrated Products MAX9020 Datasheet HTML 7Page - Maxim Integrated Products MAX9020 Datasheet HTML 8Page - Maxim Integrated Products MAX9020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The single MAX9015/MAX9016 and dual MAX9017–
MAX9020 nanopower comparators in space-saving
SOT23 packages feature Beyond-the-Rails™ inputs
and are guaranteed to operate down to 1.8V. The A-
grade packages feature an on-board 1.236V ±1% ref-
erence, while the B-grade packages feature a 1.24V
±1.75% reference. An ultra-low supply current of 0.85µA
(MAX9019/MAX9020), 1µA (MAX9015/MAX9016), or
1.2µA (MAX9017/MAX9018) makes the MAX9015–
MAX9020 family of comparators ideal for all 2-cell bat-
tery monitoring/management applications.
The unique design of the MAX9015–MAX9020 output
stage limits supply-current surges while switching,
which virtually eliminates the supply glitches typical of
many other comparators. This design also minimizes
overall power consumption under dynamic conditions.
The MAX9015/MAX9017/MAX9019 have a push-pull
output stage that sinks and sources current. Large
internal output drivers allow Rail-to-Rail® output swing
with loads up to 6mA. The MAX9016/MAX9018/MAX9020
have an open-drain output stage that makes them suit-
able for mixed-voltage system design. All devices are
available in the ultra-small 8-pin SOT23 package.
Refer to the MAX9117–MAX9120 data sheet for similar
single comparators with or without reference in a tiny
SC70 package.
Applications
Features
o Ultra-Low Total Supply Current
0.85µA (MAX9019/MAX9020)
1.0µA (MAX9015A/MAX9016A)
1.2µA (MAX9017/MAX9018)
o Guaranteed Operation Down to 1.8V
o Precision VOS < 5mV (max)
o Internal 1.236V ±1% Reference (A Grade)
o Input Voltage Range Extends 200mV
Beyond-the-Rails
o CMOS Push-Pull Output with ±6mA Drive
Capability (MAX9015/MAX9017/MAX9019)
o Open-Drain Output Versions Available
(MAX9016/MAX9018/MAX9020)
o Crowbar-Current-Free Switching
o Internal 4mV Hysteresis for Clean Switching
o No Phase Reversal for Overdriven Inputs
o Dual Versions in Space-Saving 8-Pin SOT23
Package
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2874; Rev 1; 7/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
Pin Configurations appear at end of data sheet.
Beyond-the-Rails is a trademark of Maxim Integrated Products, Inc.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9015AEKA-T
-40°C to +85°C
8 SOT23-8
AEIW
MAX9016AEKA-T
-40°C to +85°C
8 SOT23-8
AEIX
MAX9017AEKA-T
-40°C to +85°C
8 SOT23-8
AEIQ
MAX9017BEKA-T
-40°C to +85°C
8 SOT23-8
AEIS
Selector Guide
PART
COMPARATOR(S)
INTERNAL REFERENCE (V)
OUTPUT TYPE
SUPPLY CURRENT (µA)
MAX9015A
1
1.236 ±1%
Push-pull
1
MAX9016A
1
1.236 ±1%
Open drain
1
MAX9017A
2
1.236 ±1%
Push-pull
1.2
MAX9017B
2
1.240 ±1.75%
Push-pull
1.2
MAX9018A
2
1.236 ±1%
Open drain
1.2
MAX9018B
2
1.240 ±1.75%
Open drain
1.2
MAX9019
2
Push-pull
0.85
MAX9020
2
Open drain
0.85
2-Cell Battery
Monitoring/Management
Ultra-Low Power Systems
Mobile Communications
Notebooks and PDAs
Threshold Detectors/
Discriminators
Window Detectors
Sensing at Ground or
Supply Line
Telemetry and Remote
Systems
Medical Instruments


Similar Part No. - MAX9020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9020EKA MAXIM-MAX9020EKA Datasheet
78Kb / 6P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX9020EKA-T MAXIM-MAX9020EKA-T Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
More results

Similar Description - MAX9020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com