Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100203750001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100203750001
Description  Federleiste M12 A Cod
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100203750001 Datasheet(HTML) 1 Page - ERNI Electronics

  100203750001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
150
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 100 Stück
Packaging unit: 100 pcs
Nachweis der Prozessfähigkeit in der Serie (Cpk) oder 100% - Prüfung
Prüfmerkmal: Prüfmerkmale der Kategorie /2 und /3
/2
Für Prüfmerkmale muss eine x/s Regelkarte geführt werden
SPC-Maß: Prüfmerkmale der Kategorie /1
/1
Für SPC-Maße muss eine x/s Regelkarte geführt werden mit
/3
Prüfmerkmale werden serienbegleitend geprüft
3
4
5
Layout - Vorschlag
1
2
PCB - Layout proposal
1,3 (5x)
9
+0,2
±0,05
13,3
3,54
2,25
+0,1
8 ±0,1
Pin 1
24
Einbaulage beachten
Zapfen rechts
10
100203750001
5 Pol.
Gurtverpackung /
Tape on Reel Packaging
Ident-Nr.
Typ
Bemerkung
Koplanarität aller Kontakte und Clip <= 0,1mm
Coplanarity of all contacts and clips <= 0,1mm
d
Index
contact one of the ERNI companies
A3
Class
k
09.08.2016
M12
5 polig 17mm Type SMD V
Federleiste M12 A Cod.
100203750001
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
5:1
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Pad
-0,05
1,4
1 -0,05
9 ±0,1
±0,25
1
12,84
max.12,6


Similar Part No. - 100203750001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203700002 ERNI-100203700002 Datasheet
42Kb / 1P
   1.27 SRC P SKV, 2 -polig
100203710001 ERNI-100203710001 Datasheet
61Kb / 1P
   M 2.54 SRC-A, 8-polig BA1 KS
100203730001 ERNI-100203730001 Datasheet
72Kb / 1P
   Federl. SMC-B 12-SMD-BA7-13
100203780001 ERNI-100203780001 Datasheet
82Kb / 1P
   ERmet Messerleiste2-10
More results

Similar Description - 100203750001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100303210054 ERNI-100303210054 Datasheet
131Kb / 1P
   Federleiste M12 A Cod
101603210011 ERNI-101603210011 Datasheet
117Kb / 1P
   Federleiste M12 A Cod.
394860 ERNI-394860 Datasheet
69Kb / 1P
   Federleiste M12 A Cod
100502620001 ERNI-100502620001 Datasheet
67Kb / 1P
   Federleiste M12 A Cod
100103210169 ERNI-100103210169 Datasheet
69Kb / 1P
   Federleiste M12 A Cod
474052 ERNI-474052 Datasheet
54Kb / 1P
   Federleiste M12 A Cod
194780 ERNI-194780 Datasheet
76Kb / 1P
   Federleiste M12 A Cod
254309 ERNI-254309 Datasheet
104Kb / 1P
   Federleiste M12 A Cod
284321 ERNI-284321 Datasheet
55Kb / 1P
   Federleiste M12 A Cod
100102620001 ERNI-100102620001 Datasheet
94Kb / 1P
   Federleiste M12 A Cod
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com