Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC20-11CGKWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # TC20-11CGKWA
Description  50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC20-11CGKWA Datasheet(HTML) 5 Page - Kingbright Corporation

  TC20-11CGKWA Datasheet HTML 1Page - Kingbright Corporation TC20-11CGKWA Datasheet HTML 2Page - Kingbright Corporation TC20-11CGKWA Datasheet HTML 3Page - Kingbright Corporation TC20-11CGKWA Datasheet HTML 4Page - Kingbright Corporation TC20-11CGKWA Datasheet HTML 5Page - Kingbright Corporation TC20-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAM8451
REV NO: V.2A
DATE: APR/06/2015
PAGE: 5 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1332001173


Similar Part No. - TC20-11CGKWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC20-11EWA ETC-TC20-11EWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC20-11EWA KINGBRIGHT-TC20-11EWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TC20-11GWA ETC-TC20-11GWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC20-11GWA KINGBRIGHT-TC20-11GWA Datasheet
201Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TC20-11SRWA ETC-TC20-11SRWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
More results

Similar Description - TC20-11CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SURKWA KINGBRIGHT-TC20-11SURKWA Datasheet
358Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-22EGWA KINGBRIGHT-TBA20-22EGWA Datasheet
172Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC20-12EGWA KINGBRIGHT-TBC20-12EGWA Datasheet
171Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11GWA KINGBRIGHT-TC20-11GWA Datasheet
201Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com