Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1491-09FTR Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK1491-09FTR
Description  AMD Geode GX2 Clock Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1491-09FTR Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK1491-09FTR Datasheet HTML 1Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 2Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 3Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 4Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 5Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 6Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 7Page - Integrated Circuit Systems MK1491-09FTR Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMD Geode™ GX2 Clock Source
MDS 1491-09 G
6
Revision 080204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1491-09
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
° C
Note 1: Only valid when PCI is at 33 MHz.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
14.31818
MHz
Output Clock Skew Rate (PCI
and LPC), load = 30 pF
Between 0.4 V and 2.4 V
4
V/ns
Output Clock Rise and Fall
Time (all but PCI and LPC),
load=pF
tOR, tOF
Between 0.4 V and 2.4 V
0.5
2
ns
Output Clock Duty Cycle, all
MHz Clocks
tOD
At 1.5 V
40
60
%
PCI Output to Output Skew, at
33 MHz
Rising edges at 1.5 V
500
ps
PCI Output to Output Skew, at
66 MHz
Rising edges at 1.5 V
250
ps
LPC Output to Output Skew
Rising edges at 1.5 V
500
ps
PCI to LPC Output to Output
Skew (note 1)
Rising edge at 1.5 V
500
ns
Cycle-to-Cycle Jitter, PCICLK
300
ps
Cycle-to-Cycle Jitter, LPCCLK
500
ps
Cycle-to-Cycle Jitter, USBCLK
and 48 MHz
500
ps
Cycle-to-Cycle Jitter, REFCLKs
1400
ps
Power-on Time, applied VDD to
all Clocks Stable
5ms
Load Capacitance Crystal
18
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
100
°C/W
θ
JA
1 m/s air flow
80
°C/W
θ
JA
3 m/s air flow
67
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W


Similar Part No. - MK1491-09FTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1491-09FILN RENESAS-MK1491-09FILN Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FILNTR RENESAS-MK1491-09FILNTR Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FLN RENESAS-MK1491-09FLN Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FLNTR RENESAS-MK1491-09FLNTR Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
More results

Similar Description - MK1491-09FTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
Renesas Technology Corp
MK1491-06 RENESAS-MK1491-06 Datasheet
288Kb / 13P
   AMD GEODE™ CLOCK SOURCE
060914
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
logo
AAEON Technology
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
logo
AAEON Technology
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com