Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100203210152 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100203210152
Description  Federleiste C 64 Lot
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100203210152 Datasheet(HTML) 1 Page - ERNI Electronics

  100203210152 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,54
31 x 2,54 = (78,74)
5,08
Federleiste C 64 Löt
Scale
19.07.2016
Information:
Tolerances
STVC
Index
Fem. Conn. C 64 Solder
All Dimensions
in mm
Designation
Drawing will not be updated.
version of this drawing, please
a
100203210152
2:1
contact one of the ERNI companies
A3
Class
I
www.ERNI.com
before using.
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
c1
a1
a32
c32
1
-0,2
85
2,8
+0,1
+0,1
90 ±0,1
Datumscode
date code
RC 2
XXXXXXX
Anforderungsstufe
class
ERNI
3,5
max.
95
2,5
0,65 x 0,3
Tauchlötanschluss 0,65 x 0,3 mm /
solder terminal 0,65 x 0,3 mm
Isolierwerkstoff /
housing material : PBT GF 30
Bauart 7 /
type 7
Anforderungsstufe 2 = 400 Steckzyklen /
performance class 2= 400 mating cycles
Fehlende Masse und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing Information and dimensions per IEC 60 603-2
24 23
contact layout
25
26
27
28
Bestückungsplan /
29
31
a
b
7
assembled
32
1
2
3
4
5
30
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
bestückt /
c
27
28
23
30
c
a
b
alle Löcher/
32
Leiterplatten-Lochbild /
all holes
PCB drillhole Pattern
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
29
24
25
26
31
0,05
= (78,74)
+0,1
90
±0,1
1
2,54
2,8
31 x 2,54
5,63


Similar Part No. - 100203210152

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203210151 ERNI-100203210151 Datasheet
83Kb / 1P
   Messerleiste. SMC-Q 20-SMD-BA8-13
100203210153 ERNI-100203210153 Datasheet
80Kb / 1P
   Messerleiste C 64 LotClip
100203210157 ERNI-100203210157 Datasheet
175Kb / 1P
   Federleiste M 60-4
More results

Similar Description - 100203210152

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
223799 ERNI-223799 Datasheet
210Kb / 1P
   FEDERLEISTE C 64 LOT
223839 ERNI-223839 Datasheet
504Kb / 1P
   FEDERLEISTE C 64 LOT
100103210115 ERNI-100103210115 Datasheet
119Kb / 1P
   Federleiste C 64 Lot
100203210163 ERNI-100203210163 Datasheet
115Kb / 1P
   Federleiste C 64 Lot
284979 ERNI-284979 Datasheet
88Kb / 1P
   FEDERLEISTE C 64 LOT
284170 ERNI-284170 Datasheet
61Kb / 1P
   FEDERLEISTE C 64 LOT
284940 ERNI-284940 Datasheet
90Kb / 1P
   Federleiste c 64 Lot
284229 ERNI-284229 Datasheet
61Kb / 1P
   FEDERLEISTE C 64 LOT
284980 ERNI-284980 Datasheet
86Kb / 1P
   FEDERLEISTE C 64 LOT
234497 ERNI-234497 Datasheet
88Kb / 1P
   FEDERLEISTE C 64 LOT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com