Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200246 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2200246
Description  Electronic housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200246 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2200246 Datasheet HTML 1Page - PHOENIX CONTACT 2200246 Datasheet HTML 2Page - PHOENIX CONTACT 2200246 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2200246
08/29/2016   Page 1 / 3
Electronic housing - ME MAX 22,5 G 2-2 YE - 2200246
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Complete housing without vents, Complete housing, Cross connection: DIN rail bus connector, Color: yellow,
Width: 22.5 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
Why buy this product
 Item is from the ME-MAX product range
 Easy mounting
 Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail
 Optional with bus connector for DIN rail mounting as well as power connection system
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
250 STK
Weight per Piece (excluding packing)
50.000 g
Custom tariff number
85472000
Country of origin
Germany
Technical data
General
Housing type
Complete housing
Housing material
Polyamide
Color
yellow
Ambient conditions
Ambient temperature (operation)
-40 °C (depending on power dissipation)
Dimensions
Length
99 mm
Constructional height
114.5 mm


Similar Part No. - 2200246

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200244 PHOENIX-2200244 Datasheet
77Kb / 6P
   DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 YE
2200245 PHOENIX-2200245 Datasheet
46Kb / 2P
   Electronic housing
More results

Similar Description - 2200246

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201537 PHOENIX-2201537 Datasheet
108Kb / 9P
   Electronic housing
2200596 PHOENIX-2200596 Datasheet
102Kb / 8P
   Electronic housing
2200245 PHOENIX-2200245 Datasheet
46Kb / 2P
   Electronic housing
2200713 PHOENIX-2200713 Datasheet
52Kb / 3P
   Electronic housing
2890603 PHOENIX-2890603 Datasheet
60Kb / 2P
   Electronic housing
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
   Components of electronic housing
2941510 PHOENIX-2941510 Datasheet
48Kb / 1P
   Electronic housing - EMG-KA
11/05/2018
2906908 PHOENIX-2906908 Datasheet
64Kb / 3P
   Electronic housing - ME LP
2946010 PHOENIX-2946010 Datasheet
58Kb / 2P
   Electronic housing - P 1-EMG125
2947381 PHOENIX-2947381 Datasheet
308Kb / 5P
   Electronic housing - EMG 75-B14
11/25/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com