Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN54AC2525-X Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN54AC2525-X
Description  MN54AC2525-X REV 1B0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN54AC2525-X Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MN54AC2525-X Datasheet HTML 1Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 2Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 3Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 4Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 5Page - National Semiconductor (TI) MN54AC2525-X Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Original Creation Date: 07/01/96
Last Update Date: 03/31/97
Last Major Revision Date: 07/01/96
MN54AC2525-X REV 1B0
MICROCIRCUIT DATA SHEET
Minimum Skew Clock Driver
General Description
The AC2525 is a minimum skew clock driver with one input driving eight outputs
specifically designed for signal generation and clock distribution applications.
The 2525
is designed to distribute a single clock to eight separate receivers with low skew across
all outputs during both the TPHL and TPLH transitions.
NS Part Numbers
54AC2525DMQB
54AC2525FMQB
54AC2525LMQB
Industry Part Number
54AC2525
Prime Die
Z2525
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL STD 883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - MN54AC2525-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
More results

Similar Description - MN54AC2525-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS7820A NSC-MNDS7820A Datasheet
143Kb / 9P
   MNDS7820A-X REV 0A0
MN54ABT64 NSC-MN54ABT64 Datasheet
18Kb / 9P
   MN54ABT646-X REV 0B0
MN54ABT244 NSC-MN54ABT244 Datasheet
206Kb / 13P
   MN54ABT244-X REV 0B0
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
   Rev. EK1
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
   Rev. C
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
   ND28283.503086 REV,B
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
   Techinal Data - rev 1.9
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
   ERbic vertical rev. Profibus
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
   Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com