Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN021 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AN021
Description  Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN021 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AN021 Datasheet HTML 1Page - Analog Intergrations Corporation AN021 Datasheet HTML 2Page - Analog Intergrations Corporation AN021 Datasheet HTML 3Page - Analog Intergrations Corporation AN021 Datasheet HTML 4Page - Analog Intergrations Corporation AN021 Datasheet HTML 5Page - Analog Intergrations Corporation AN021 Datasheet HTML 6Page - Analog Intergrations Corporation AN021 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN021
October, 2001
4
)
(
)
(
3
2
1
2
2
C
C
R
C
R
s
G
C
+
=
… ..(Constant)
gain at high frequency:
3
1
1
)
(
C
sR
s
G
C
=
β is the gain of the feedback resistor divider.
Note that due to the origin pole, the phase at low
frequency is -90
° and the gain curve is at -20dB/
decade. When the frequency approaches to zero, the
phase increases toward 0
° with a flat gain curve. When
it moves toward the second pole, the frequency will be
towards -90
° and the gain curve goes back to -20dB/
decade again.
Control Strategy
The loop transfer function of Fig.1 is shown as below:
]
LC
1
)s
L
r
r
R
CR
1
(
L[s
)
C
r
1
(s
r
V
V
1
ß
)
//C
(C
R
1
)(s
//C
(C
)R
C
(C
sR
)
C
R
1
(s
C
R
(s)
G
PWM
(s)
G
T(s)
L
C
L
2
C
C
IN
M
3
2
s
3
2
2
3
2
1
2
2
2
2
P
C
+
+
+
+
+
+
×
×
×
×
+
+
+
=
×
×
=
.……… (5)
After meeting the power circuit requirement, we start
to design the control loop. Therefore the LC poles and
output capacitor zero are already allocated. What we
can do is to distribute the location of pole and zero of
compensation
network
to
achieve
the
desired
response demand. To obtain high gain at low frequency,
the origin pole is already set. Then here comes the
strategy for the location of the zero and the second
pole.
For the reason of stability, the zero of compensation
network must be set lower than the zero of Buck
converter. Without compensation zero, the zero of
Buck converter would face three poles before it. The
phase of the loop transfer function falls down toward
-270
° and passes through -180° between the poles of
LC and the zero of Buck converter. This situation can
lead to an unstable condition. To avoid that, the
compensation circuit zero is advised to be lower than
that of Buck converter. However the location of the
compensation zero will affect the phase margin around
the crossover frequency. To improve the phase margin
of the loop transfer function and keep high gain at low
frequency,
the
compensation
zero
is
suggested
between
ωn and
×
1
.
0
ωn. n=
LC
1
).
The second pole of compensation network is
suggested far from the zero of Buck converter. In this
way, we can obtain the –20dB/decade slope around
the crossover frequency. According to the sampling
theorem, the second pole of compensation network is
suggested to be under one fifth of switching frequency
of Buck converter (
Switching
f
5
1
) to reduce the noise at
high frequency.
Gc(s)
PWM
Gp(s)
dVOUT(s)
dVOUT(s)=0
+
_
dVc(s)
dD(s)
Fig. 8
The Unity Feedback Control Loop for Buck Converter


Similar Part No. - AN021

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN020 AIC-AN020 Datasheet
292Kb / 7P
   SEPIC Circuit
AN022 AIC-AN022 Datasheet
396Kb / 8P
   High Side Driver for Buck Converter
AN023 AIC-AN023 Datasheet
201Kb / 6P
   An Useful Model for Charge Pump Converter
AN024 AIC-AN024 Datasheet
285Kb / 7P
   For LCD Motherboard Power Supply Using AIC1563
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
More results

Similar Description - AN021

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
logo
Global Mixed-mode Techn...
G5644 GMT-G5644 Datasheet
161Kb / 1P
   2.5A Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9G401EFJ-M ROHM-BD9G401EFJ-M Datasheet
1Mb / 32P
   1ch Buck Converter
logo
Bookly Micro electronic
BM0150HV BOOKLY-BM0150HV Datasheet
954Kb / 7P
   60V Buck Converter
logo
Shenzhen Huazhimei Semi...
HM9801 HMSEMI-HM9801 Datasheet
1Mb / 7P
   60V Buck Converter
logo
Global Mixed-mode Techn...
G5642 GMT-G5642 Datasheet
75Kb / 1P
   3A Buck Converter
logo
Anachip Corp
ANP007 ANACHIP-ANP007 Datasheet
238Kb / 11P
   Dual Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com