Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8247VR Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC8247VR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8247VR Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC8247VR Datasheet HTML 6Page - Motorola, Inc MPC8247VR Datasheet HTML 7Page - Motorola, Inc MPC8247VR Datasheet HTML 8Page - Motorola, Inc MPC8247VR Datasheet HTML 9Page - Motorola, Inc MPC8247VR Datasheet HTML 10Page - Motorola, Inc MPC8247VR Datasheet HTML 11Page - Motorola, Inc MPC8247VR Datasheet HTML 12Page - Motorola, Inc MPC8247VR Datasheet HTML 13Page - Motorola, Inc MPC8247VR Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
DC Electrical Characteristics
DC Electrical Characteristics
IOL = 5.3mA
CS[0-5]
CS6/BCTL1/SMI
CS7/TLBSYNC
BADDR27/ IRQ1
BADDR28/ IRQ2
ALE/ IRQ4
BCTL0
PWE[0–7]/PSDDQM[0–7]/PBS[0–7]
PSDA10/PGPL0
PSDWE/PGPL1
POE/PSDRAS/PGPL2
PSDCAS/PGPL3
PGTA/PUPMWAIT/PGPL4
PSDAMUX/PGPL5
PCI_CFG0 (PCI_HOST_EN)
PCI_CFG1 (PCI_ARB_EN)
PCI_CFG2 (DLL_ENABLE)
MODCK1/RSRV/TC(0)/BNKSEL(0)
MODCK2/CSE0/TC(1)/BNKSEL(1)
MODCK3/CSE1/TC(2)/BNKSEL(2)
IOL = 3.2mA
PCI_PAR
PCI_FRAME
PCI_TRDY
PCI_IRDY
PCI_STOP
PCI_DEVSEL
PCI_IDSEL
PCI_PERR
PCI_SERR
PCI_REQ0
PCI_REQ1/ CPI_HS_ES
PCI_GNT0
PCI_GNT1/ CPI_HS_LES
PCI_GNT2/ CPI_HS_ENUM
PCI_RST
PCI_INTA
PCI_REQ2
DLLOUT
PCI_AD(0-31)
PCI_C(0–3)/BE(0-3)
PA[8–31]
PB[18–31]
PC[0–1,4–29]
PD[7–25, 29–31]
TDO
VOL
0.4
V
1 The default configuration of the CPM pins (PA[8–31], PB[18–31], PC[0–1,4–29], PD[7–25, 29–31]) is input.To prevent
excessive DC current, it is recommended either to pull unused pins to GND or VDDH, or to configure them as outputs.
2 TRST and PORESET should be tied to VDDH via a 2K
Ω external pull-up resistor.
3 The leakage current is measured for nominal VDDH,VCCSYN, and VDD.
4 MPC8272 and MPC8271 only.
Table 5. DC Electrical Characteristics 1 (continued)
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC8247VR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8247VR FREESCALE-MPC8247VR Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8247VRB FREESCALE-MPC8247VRB Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8247VRE FREESCALE-MPC8247VRE Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8247VRI FREESCALE-MPC8247VRI Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8247VRM FREESCALE-MPC8247VRM Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
More results

Similar Description - MPC8247VR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8247CVRTIEA FREESCALE-MPC8247CVRTIEA Datasheet
400Kb / 61P
   MPC8272 PowerQUICC II Family Hardware Specifications
MPC8247ZQTIEA FREESCALE-MPC8247ZQTIEA Datasheet
400Kb / 61P
   MPC8272 PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com