Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423
Description  MIXED SIGNAL MICROCONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F423 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F423 Datasheet HTML 1Page - Texas Instruments MSP430F423 Datasheet HTML 2Page - Texas Instruments MSP430F423 Datasheet HTML 3Page - Texas Instruments MSP430F423 Datasheet HTML 4Page - Texas Instruments MSP430F423 Datasheet HTML 5Page - Texas Instruments MSP430F423 Datasheet HTML 6Page - Texas Instruments MSP430F423 Datasheet HTML 7Page - Texas Instruments MSP430F423 Datasheet HTML 8Page - Texas Instruments MSP430F423 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MSP430F42x
MIXED SIGNAL MICROCONTROLLER
SLAS421 − APRIL 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V . . . 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 400
µA at 1 MHz, 3.0 V
− Standby Mode: 1.6
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in less
than 6
µs
D Frequency-Locked Loop, FLL+
D 16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
D Three Independent 16-bit Sigma-Delta A/D
Converters with Differential PGA Inputs
D 16-Bit Timer_A With Three
Capture/Compare Registers
D Integrated LCD Driver for 128 Segments
D Serial Communication Interface (USART),
Asynchronous UART or Synchronous SPI
selectable by software
D Brownout Detector
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Bootstrap Loader in Flash Devices
D Family Members Include:
− MSP430F423:
8KB + 256B Flash Memory,
256B RAM
− MSP430F425:
16KB + 256B Flash Memory,
512B RAM
− MSP430F427:
32KB + 256B Flash Memory,
1KB RAM
D Available in 64-Pin Quad Flat Pack (QFP)
D For Complete Module Descriptions, Refer
to the MSP430x4xx Family User’s Guide,
Literature Number SLAU056
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430F42x series are microcontroller configurations with three independent 16-bit sigma-delta A/D
converters, each with an integrated differential programmable gain amplifier input stage. Also included is a
built-in 16-bit timer, 128 LCD segment drive capability, hardware multiplier and 14 I/O pins.
Typical applications include high resolution applications such as handheld metering equipment, weigh scales
and energy meters.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC 64-PIN QFP
(PM)
−40
°C to 85°C
MSP430F423IPM
MSP430F425IPM
MSP430F427IPM
Copyright
 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F423 TI1-MSP430F423 Datasheet
1Mb / 59P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F423A TI1-MSP430F423A Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F423AIPM TI-MSP430F423AIPM Datasheet
842Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F423AIPMR TI-MSP430F423AIPMR Datasheet
842Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F423IPM TI-MSP430F423IPM Datasheet
922Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com