Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8888C Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT8888C
Description  Integrated DTMF Transceiver with Intel Micro Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8888C Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT8888C Datasheet HTML 1Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 2Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 3Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8888C Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Central office quality DTMF transmitter/receiver
Low power consumption
High speed Intel micro interface
Adjustable guard time
Automatic tone burst mode
Call progress tone detection to -30 dBm
Applications
Credit card systems
Paging systems
Repeater systems/mobile radio
Interconnect dialers
Personal computers
Description
The MT8888C is a monolithic DTMF transceiver with
call progress filter. It is fabricated in CMOS technology
offering low power consumption and high reliability.
The receiver section is based upon the industry
standard MT8870 DTMF receiver while the transmitter
utilizes a switched capacitor D/A converter for low
distortion, high accuracy DTMF signalling. Internal
counters provide a burst mode such that tone bursts
can be transmitted with precise timing. A call progress
filter can be selected allowing a microprocessor to
analyze call progress tones.
The MT8888C utilizes an Intel micro interface, which
allows the device to be connected to a number of
popular microcontrollers with minimal external logic.
September 2005
Ordering Information
MT8888CE
20 Pin PDIP
Tubes
MT8888CS
20 Pin SOIC
Tubes
MT8888CN
24 Pin SSOP
Tubes
MT8888CP
28 Pin PLCC
Tubes
MT8888CE1
20 Pin PDIP*
Tubes
MT8888CS1
20 Pin SOIC*
Tubes
MT8888CN1
24 Pin SSOP*
Tubes
MT8888CP1
28 Pin PLCC*
Tubes
MT8888CPR
28 Pin PLCC
Tape & Reel
MT8888CSR
20 Pin SOIC
Tape & Reel
MT8888CSR1
20 Pin SOIC*
Tape & Reel
MT8888CPR1
28 Pin PLCC*
Tape & Reel
*Pb Free Matte Tin
-40
°C to +85°C
MT8888C
Integrated DTMF Transceiver
with Intel Micro Interface
Data Sheet
Figure 1 - Functional Block Diagram
TONE
IN+
IN-
GS
OSC1
OSC2
VDD VRef
VSS
ESt
St/GT
D0
D1
D2
D3
IRQ/CP
RD
CS
WR
RS0
D/A
Converters
Row and
Column
Counters
Transmit Data
Register
Data
Bus
Buffer
Tone Burst
Gating Cct.
+
-
Oscillator
Circuit
Bias
Circuit
Control
Logic
Digital
Algorithm
and Code
Converter
Control
Logic
Steering
Logic
Status
Register
Control
Register
A
Control
Register
B
Receive Data
Register
Interrupt
Logic
I/O
Control
Low Group
Filter
High Group
Filter
Dial
Tone
Filter


Similar Part No. - MT8888C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CC MITEL-MT8888CC Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CC-1 MITEL-MT8888CC-1 Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CE MITEL-MT8888CE Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CE-1 MITEL-MT8888CE-1 Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
More results

Similar Description - MT8888C

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com