Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384C39 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # BZX384C39
Description  Plastic-Encapsulate Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BZX384C39 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BZX384C39 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BZX384C39 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage Dynamic
Dynamic
Resistance
Test
Resistance
Test
at IZT1
Current
at IZT2
Current
min
max
rzj (Ω)
min
max
IZT1 (mA)
rzj (Ω)
IZT2 (mA) IR (μA)
VR (V)
BZX384C2V4
2.20
2.60
70 (≤100 )
-9.0
-4.0
5
275
1.0
50.0
1.0
BZX384C2V7
2.50
2.90
75 (≤100)
-9.0
-4.0
5
300 (≤600 )
1.0
20.0
1.0
BZX384C3V0
2.80
3.20
80 (≤95)
-9.0
-3.0
5
325 (≤600 )
1.0
10.0
1.0
BZX384C3V3
3.10
3.50
85 (≤95)
-8.0
-3.0
5
350 (≤600 )
1.0
5.00
1.0
BZX384C3V6
3.40
3.80
85 (≤90)
-8.0
-3.0
5
375 (≤600 )
1.0
5.00
1.0
BZX384C3V9
3.70
4.10
85 (≤90)
-7.0
-3.0
5
400 (≤600 )
1.0
3.00
1.0
BZX384C4V3
4.00
4.60
80 (≤90)
-6.0
-1.0
5
410 (≤600 )
1.0
3.00
1.0
BZX384C4V7
4.40
5.00
50 (≤80)
-5.0
2.0
5
425 (≤500 )
1.0
3.00
2.0
BZX384C5V1
4.80
5.40
40 (≤60)
-3.0
4.0
5
400 (≤480 )
1.0
2.00
2.0
BZX384C5V6
5.20
6.00
15 (≤40)
-2.0
6.0
5
80 (≤400 )
1.0
1.00
2.0
BZX384C6V2
5.80
6.60
6.0 (≤10)
-1.0
7.0
5
40 (≤150 )
1.0
3.00
4.0
BZX384C6V8
6.40
7.20
6.0 (≤15)
2.0
7.0
5
30 (≤80 )
1.0
2.00
4.0
BZX384C7V5
7.00
7.90
6.0 (≤15)
3.0
7.0
5
30 (≤80 )
1.0
1.00
5.0
BZX384C8V2
7.70
8.70
6.0 (≤15)
4.0
7.0
5
40 (≤80 )
1.0
0.70
5.0
BZX384C9V1
8.50
9.60
6.0 (≤15)
5.0
8.0
5
40 (≤100 )
1.0
0.50
6.0
BZX384C10
9.40
10.6
8.0 (≤20)
5.0
8.0
5
50 (≤150 )
1.0
0.20
7.0
BZX384C11
10.4
11.6
10 (≤20)
5.0
9.0
5
50 (≤150 )
1.0
0.10
8.0
BZX384C12
11.4
12.7
10 (≤25)
6.0
9.0
5
50 (≤150 )
1.0
0.10
8.0
BZX384C13
12.4
14.1
10 (≤30)
7.0
9.0
5
50 (≤170 )
1.0
0.10
8.0
BZX384C15
13.8
15.6
10 (≤30)
7.0
9.0
5
50 (≤200 )
1.0
0.05
0.7 Vznom.
BZX384C16
15.3
17.1
10 (≤40)
8.0
9.5
5
50 (≤200 )
1.0
0.05
0.7 Vznom.
BZX384C18
16.8
19.1
10 (≤45)
8.0
9.5
5
50 (≤225 )
1.0
0.05
0.7 Vznom.
BZX384C20
18.8
21.2
15 (≤55)
8.0
10.0
5
60 (≤225 )
1.0
0.05
0.7 Vznom.
BZX384C22
20.8
23.3
20 (≤55)
8.0
10.0
5
60 (≤250 )
1.0
0.05
0.7 Vznom.
BZX384C24
22.8
25.6
25 (≤70)
8.0
10.0
5
60 (≤250 )
1.0
0.05
0.7 Vznom.
BZX384C27
25.1
28.9
25 (≤80)
8.0
10.0
2
65 (≤300 )
0.5
0.05
0.7 Vznom.
BZX384C30
28.0
32.0
30 (≤80)
8.0
10.0
2
70 (≤300 )
0.5
0.05
0.7 Vznom.
BZX384C33
31.0
35.0
35 (≤80)
8.0
10.0
2
75 (≤325 )
0.5
0.05
0.7 Vznom.
BZX384C36
34.0
38.0
35 (≤90)
8.0
10.0
2
80 (≤350 )
0.5
0.05
0.7 Vznom.
BZX384C39
37.0
41.0
40 (≤130)
10.0
12.0
2
80 (≤350 )
0.5
0.05
0.7 Vznom.
BZX384C43
40.0
46.0
45 (≤150)
10.0
12.0
2
85 (≤375 )
0.5
0.05
0.7 Vznom.
BZX384C47
44.0
50.0
50 (≤170)
10.0
12.0
2
85 (≤375 )
0.5
0.05
0.7 Vznom.
BZX384C51
48.0
54.0
60 (≤180)
10.0
12.0
2
85 (≤400 )
0.5
0.05
0.7 Vznom.
BZX384C56
52.0
60.0
70 (≤200)
9.0
11.0
2
100 (≤425 )
0.5
0.05
0.7 Vznom.
BZX384C62
58.0
66.0
80 (≤215)
9.0
12.0
2
100 (≤450)
0.5
0.05
0.7 Vznom.
BZX384C68
64.0
72.0
90 (≤240)
10.0
12.0
2
150 (≤475 )
0.5
0.05
0.7 Vznom.
BZX384C75
70.0
79.0
95 (≤255)
10.0
12.0
2
170 (≤500 )
0.5
0.05
0.7 Vznom.
Notes :
(1) Measured with pulses p = 5 ms
Reverse Leakage
Current
at
Temp.Coefficient of
Zener voltage at IZT1
αVZ (10
-4/K)
VZ (V)
rang
(1) at I
ZT1
Page:P2-P2
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Type


Similar Part No. - BZX384C39

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX384C39 EIC-BZX384C39 Datasheet
109Kb / 2P
   ZENER DIODES
logo
TAITRON Components Inco...
BZX384C39 TAITRON-BZX384C39 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
SynSemi, Inc.
BZX384C39 SYNSEMI-BZX384C39 Datasheet
102Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX384C39 VISHAY-BZX384C39 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
logo
SUNMATE electronic Co.,...
BZX384C39 SUNMATE-BZX384C39 Datasheet
481Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZX384C39

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
   Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
   Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
   Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
   Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
   Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
   Plastic-Encapsulate Diodes
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
   Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
   Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
SCS481K WILLAS-SCS481K Datasheet
838Kb / 3P
   Plastic-Encapsulate Diodes
logo
GUANGDONG HOTTECH INDUS...
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
   Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
BAT54W SHENZHENSLS-BAT54W Datasheet
298Kb / 1P
   Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com