Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2300 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # SI2300
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SI2300 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SI2300 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SI2300 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SI2300 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page:P3-P1
Plastic-Encapsulate Mosfets
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Advanced Trench Process Technology
High Density Cell Design for Ultra Low On-Resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
Parameter
Symbol
Ratings
Units
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8
V
Drain Current (Continuous)
ID
2.4
A
Drain Current (Pulsed)
1
IDM
8
A
Total Power Dissipation @TA=25oC
PD
0.9
W
Maximum Diode Forward Current
IS
1.6
A
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 to +150
°C
Thermal Resistance Junction to Ambient (PCB mounted)
2
RθJA
140
°C/W
1: Repetitive Rating: Pulse width limited by the maximum junction temperation. 2: 1-in2 2oz Cu PCB board
Electrical Characteristics (TA=25°C, unless otherwise noted)
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
• Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V
-
-
1
uA
IGSS
Gate-Body Leakage Current
VGS=±8V, VDS=0V
-
-
±100
nA
•On Characteristics
3
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.6
0.8
1.2
V
RDS(on)
Drain-Source On-State Resistance
VGS=4.5V, ID=2.8A
-
40
60
VGS=2.5V, ID=2A
-
50
115
gFS
Forward Transconductance
VDS=5V, ID=3.6A
-
10
-
S
Dynamic Characteristics
4
Ciss
Input Capacitance
VDS=6V, VGS=0V, f=1MHz
-
426
-
PF
Coss
Output Capacitance
-
79.5
-
Crss
Reverse Transfer Capacitance
-
56
-
N-Channel MOSFET
SOT-23
1.Gate
2.Source
3.Drain
G
D
S
SI2300
Absolute Maximum Ratings (TA=25
oC, unless otherwise noted)
PF
PF


Similar Part No. - SI2300

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2300 KEXIN-SI2300 Datasheet
48Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
SI2300 HTSEMI-SI2300 Datasheet
3Mb / 4P
   20 V N-Channel Enhancement Mode MOSFET
logo
Guangdong Kexin Industr...
SI2300 KEXIN-SI2300 Datasheet
630Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
ZP Semiconductor
SI2300 ZPSEMI-SI2300 Datasheet
503Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
Guangdong Kexin Industr...
SI2300-3 KEXIN-SI2300-3 Datasheet
751Kb / 2P
   N-Channel Enhancement MOSFET
More results

Similar Description - SI2300

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com