Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8888CPR Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT8888CPR
Description  Integrated DTMF Transceiver with Intel Micro Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8888CPR Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT8888CPR Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8888CPR Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MT8888C
Data Sheet
10
Zarlink Semiconductor Inc.
The lookup table contains codes which are used by the switched capacitor D/A converter to obtain discrete and
highly accurate DC voltage levels. Two identical circuits are employed to produce row
and column tones, which
are then mixed using a low noise summing amplifier. The oscillator described needs no “start-up” time as in other
DTMF generators since the crystal oscillator is running continuously thus providing a high degree of tone burst
accuracy. A bandwidth limiting filter is incorporated and serves to attenuate distortion products above 8 kHz. It can
be seen from Figure 8 that the distortion products are very low in amplitude.
Figure 10 - Spectrum Plot
8.0
Burst Mode
In certain telephony applications it is required that DTMF signals being generated are of a specific duration
determined either by the particular application or by any one of the exchange transmitter specifications currently
existing. Standard DTMF signal timing can be accomplished by making use of the Burst Mode. The transmitter is
capable of issuing symmetric bursts/pauses of predetermined duration. This burst/pause duration is 51 ms
±1ms,
which is a standard interval for autodialer and central office applications. After the burst/pause has been issued, the
appropriate bit is set in the Status Register indicating that the transmitter is ready for more data. The timing
described above is available when DTMF mode has been selected. However, when CP mode (Call Progress mode)
is selected, the burst/pause duration is doubled to 102 ms
±2 ms. Note that when CP mode and Burst mode have
been selected, DTMF tones may be transmitted only and not received. In applications where a non-standard
burst/pause time is desirable, a software timing loop or external timer can be used to provide the timing pulses
when the burst mode is disabled by enabling and disabling the transmitter.
Scaling Information
10 dB/Div
Start Frequency = 0 Hz
Stop Frequency = 3400 Hz
Marker Frequency = 697 Hz and
1209 Hz


Similar Part No. - MT8888CPR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CC MITEL-MT8888CC Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CC-1 MITEL-MT8888CC-1 Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CE MITEL-MT8888CE Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CE-1 MITEL-MT8888CE-1 Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
More results

Similar Description - MT8888CPR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com