Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0310FS Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-0310FS
Description  ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0310FS Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-0310FS Datasheet HTML 1Page - Abracon Corporation ASPI-0310FS Datasheet HTML 2Page - Abracon Corporation ASPI-0310FS Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REFLOW PROFILE:
TAPE & REEL:
Dimension: mm
ASPI-0310FS
RoHS
Compliant
3.0 x 3.0 x 1.0mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
T2: 2,000pcs / reel
A
3.15
B
3.15
K
1.40
F
4
T
0.25
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive
Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability
where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written
consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
LLC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 02.23.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale


Similar Part No. - ASPI-0310FS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0310FSSA ABRACON-ASPI-0310FSSA Datasheet
1Mb / 3P
   Small DCR and high rated current
09.10.10
ASPI-0310FSSA-100M ABRACON-ASPI-0310FSSA-100M Datasheet
1Mb / 3P
   Small DCR and high rated current
09.10.10
ASPI-0310FSSA-220M ABRACON-ASPI-0310FSSA-220M Datasheet
1Mb / 3P
   Small DCR and high rated current
09.10.10
ASPI-0310FSSA-2R2M ABRACON-ASPI-0310FSSA-2R2M Datasheet
1Mb / 3P
   Small DCR and high rated current
09.10.10
ASPI-0310FSSA-3R3M ABRACON-ASPI-0310FSSA-3R3M Datasheet
1Mb / 3P
   Small DCR and high rated current
09.10.10
More results

Similar Description - ASPI-0310FS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.24.12
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com