Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1410 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1410
Description  250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1410 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1410 Datasheet HTML 3Page - ON Semiconductor NCP1410 Datasheet HTML 4Page - ON Semiconductor NCP1410 Datasheet HTML 5Page - ON Semiconductor NCP1410 Datasheet HTML 6Page - ON Semiconductor NCP1410 Datasheet HTML 7Page - ON Semiconductor NCP1410 Datasheet HTML 8Page - ON Semiconductor NCP1410 Datasheet HTML 9Page - ON Semiconductor NCP1410 Datasheet HTML 10Page - ON Semiconductor NCP1410 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP1410
http://onsemi.com
7
TYPICAL OPERATING CHARACTERISTICS
100 mA
200 mA
OUTPUT LOADING CURRENT, ILOAD/mA
1.0
10
1
1000
–2
100
–3
Figure 15. Output Voltage Change vs.
Load Current
OUTPUT LOADING CURRENT, ILOAD/mA
–1
0
3
L = 22
mH
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
1.0
1.5
3.0
40
2.0
0
Figure 16. Output Voltage Change vs.
Load Current
BATTERY INPUT VOLTAGE, VBATT/V
80
120
Figure 17. Output Ripple Voltage vs.
Battery Input Voltage
0
2.0
8.0
6.0
2.0
4.0
0
Figure 18. Output Ripple Voltage vs.
Battery Input Voltage
INPUT VOLTAGE AT OUT PIN, VOUT/V
4.0
6.0
14
Figure 19. No Load Operating Current vs.
Input Voltage at OUT Pin
Figure 20. Startup Transient Response
VIN = 1.8 V
3.0 V
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 22
mH
2
2.2 V
1.0
10
1
1000
–2
100
–3
–1
0
3
L = 15
mH
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
VIN = 1.8 V
3.0 V
2
2.2 V
2.5
20
60
100
140
160
180
200
100 mA
1.0
1.5
3.0
40
2.0
0
BATTERY INPUT VOLTAGE, VBATT/V
80
120
VOUT = 3.3 V
CIN = 10 µF
COUT = 33 µF
L = 15
mH
2.5
20
60
100
140
160
180
200
200 mA
10
12
1.0
3.0
5.0
(VIN = 2.2 V, VOUT = 3.3 V, ILOAD = 100 mA; L = 22 µH,
COUT = 33 µF)
Upper Trace: Output Voltage Waveform, 2.0 V/Division
Lower Trace: Shutdown Pin Waveform, 1.0 V/Division


Similar Part No. - NCP1410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1410 ONSEMI-NCP1410 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1410 ONSEMI-NCP1410 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1410DMR2 ONSEMI-NCP1410DMR2 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1410DMR2G ONSEMI-NCP1410DMR2G Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
More results

Similar Description - NCP1410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1411 ONSEMI-NCP1411 Datasheet
133Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
October, 2004 ??Rev. 3
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
ON Semiconductor
NCP1423 ONSEMI-NCP1423_V01 Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com