Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0315FS-470 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0315FS-470
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0315FS-470 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0315FS-470 Datasheet HTML 1Page - Abracon Corporation ASPI-0315FS-470 Datasheet HTML 2Page - Abracon Corporation ASPI-0315FS-470 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0315FS
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 11.22.11
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
3.0 x 3.0 x 1.5mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0315FS Series
Operating Temperature & Humidity:
Storage Temperature & Humidity:
• Small size and low profile: 1.5mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Part Number
Inductance
Inductance
Tolerance
DCR
DCR
Tolerance
Saturation
Current
Temperature
Rise Current
Units
μH
%
%
A
A
Symbol
L
M, N
DCR
Isat
Irms
ASPI-0315FS-1R0
1.0
N
28
±30%
2.3
2.3
ASPI-0315FS-1R5
1.5
N
37
2.1
2.1
ASPI-0315FS-2R2
2.2
M
58
±20%
1.62
2
ASPI-0315FS-2R7
2.7
M
60
1.5
1.95
ASPI-0315FS-3R3
3.3
M
75
1.35
1.8
ASPI-0315FS-4R7
4.7
M
100
1.20
1.6
ASPI-0315FS-5R6
5.6
M
120
1.00
1.4
ASPI-0315FS-6R8
6.8
M
150
0.97
1.3
ASPI-0315FS-100
10
M
220
0.8
1.1
ASPI-0315FS-150
15
M
300
0.65
1
ASPI-0315FS-220
22
M
475
0.55
0.8
ASPI-0315FS-330
33
M
650
0.45
0.7
ASPI-0315FS-390
39
M
850
0.4
0.5
ASPI-0315FS-470
47
M
1100
0.35
0.45
ASPI-0315FS-680
68
M
1700
0.3
0.35
ASPI-0315FS-820
82
M
1900
0.27
0.32
ASPI-0315FS-101
100
M
2100
0.25
0.3
Test Conditions
1. Inductance is measured in HP-4285A Precision LCR Meter.
2. RDC is measured in DU-5011 milli ohm meter.(or equivalent).
3. Isat : Based on inductance change (△L/Lo : ≤ -30%)
4. Irms : Based on temperature rise (△T : 40oC TYP. )
5. Test Freq: 100KHz, 1Vrms
-25˚C to +120˚C (Including self generated heat)
-10˚C to +40˚C, 30% to 70% RH
ASPI-0315FS-
-
*N for L = 1.0 ~ 1.5µH
*M for L = 2.2 ~ 100µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T2: Tape and Reel (2kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*


Similar Part No. - ASPI-0315FS-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0315FSSA ABRACON-ASPI-0315FSSA Datasheet
6Mb / 3P
   High reliability to mechanical stress
06.06.11
ASPI-0315FSSA-100M ABRACON-ASPI-0315FSSA-100M Datasheet
6Mb / 3P
   High reliability to mechanical stress
06.06.11
ASPI-0315FSSA-220M ABRACON-ASPI-0315FSSA-220M Datasheet
6Mb / 3P
   High reliability to mechanical stress
06.06.11
ASPI-0315FSSA-2R2M ABRACON-ASPI-0315FSSA-2R2M Datasheet
6Mb / 3P
   High reliability to mechanical stress
06.06.11
ASPI-0315FSSA-330M ABRACON-ASPI-0315FSSA-330M Datasheet
6Mb / 3P
   High reliability to mechanical stress
06.06.11
More results

Similar Description - ASPI-0315FS-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.24.12
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com