Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1411 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1411
Description  Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1411 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1411 Datasheet HTML 1Page - ON Semiconductor NCP1411 Datasheet HTML 2Page - ON Semiconductor NCP1411 Datasheet HTML 3Page - ON Semiconductor NCP1411 Datasheet HTML 4Page - ON Semiconductor NCP1411 Datasheet HTML 5Page - ON Semiconductor NCP1411 Datasheet HTML 6Page - ON Semiconductor NCP1411 Datasheet HTML 7Page - ON Semiconductor NCP1411 Datasheet HTML 8Page - ON Semiconductor NCP1411 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 3
1
Publication Order Number:
NCP1411/D
NCP1411
Sync−Rect PFM Step−Up
DC−DC Converter with
Low−Battery Detector and
Ring−Killer
NCP1411 is a monolithic micropower high frequency Boost
(step−up) voltage switching converter IC specially designed for
battery operated hand−held electronic products up to 250 mA loading.
It integrates Synchronous Rectifier for improving efficiency as well as
eliminating the external Schottky Diode. High switching frequency
(up to 600 kHz) allows low profile inductor and output capacitor being
used. Low−Battery Detector, Logic−Controlled Shutdown and
Cycle−by−Cycle Current Limit provide value−added features for
various battery−operated applications. The innovative Ring−Killer
circuitry guarantees quiet operation in discontinuous conduction
mode. With all these functions ON, the device quiescent supply
current is only 9.0
mA typical. This device is available in the space
saving compact Micro8
t package.
Features
Pb−Free Package is Available
High Efficiency, up to 92%
Very Low Device Quiescent Supply Current of 9.0 mA Typical
Built−in Synchronous Rectifier (P−FET) Eliminates One External
Schottky Diode
High Switching Frequency (up to 600 kHz) Allows use of Small Size
Inductor
High Accuracy Reference Output, 1.19 V $ 0.6% @ 25°C, can
supply more than 2.5 mA when VOUT ≥ 3.3 V
Ring−Killer for Quiet Operation in Discontinuous Conduction Mode
1.0 V Startup at No Load Guaranteed
Output Voltage from 1.5 V to 5.5 V Adjustable
Output Current up to 250 mA @ V
IN = 2.5 V, VOUT = 3.3 V
Logic−Controlled Shutdown
Open Drain Low−Battery Detector Output
1.0 A Cycle by Cycle Current Limit
Low Profile and Minimum External Parts
Compact Micro8 Package
Typical Applications
Personal Digital Assistant (PDA)
Handheld Digital Audio Product
Camcorder and Digital Still Camera
Handheld Instrument
Conversion from One or Two NiMH or NiCd, or One Li−ion Cell
to 3.3 V/5.0 V
Micro8
DM SUFFIX
CASE 846A
1
8
PIN CONNECTIONS
A2
= Device Marking
A
= Assembly Location
Y
= Year
W
= Work Week
(Top View)
MARKING
DIAGRAM
A2
AYW
1
FB
8 OUT
2
LBI/EN
3
LBO
4
REF
7 LX
6 GND
5 BAT
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NCP1411DMR2
Micro8
4000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCP1411DMR2G
Micro8
(Pb−Free)
4000 Tape & Reel


Similar Part No. - NCP1411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1411 ONSEMI-NCP1411 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
NCP1423 ONSEMI-NCP1423_V01 Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com