Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1411D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1411D
Description  Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1411D Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1411D Datasheet HTML 1Page - ON Semiconductor NCP1411D Datasheet HTML 2Page - ON Semiconductor NCP1411D Datasheet HTML 3Page - ON Semiconductor NCP1411D Datasheet HTML 4Page - ON Semiconductor NCP1411D Datasheet HTML 5Page - ON Semiconductor NCP1411D Datasheet HTML 6Page - ON Semiconductor NCP1411D Datasheet HTML 7Page - ON Semiconductor NCP1411D Datasheet HTML 8Page - ON Semiconductor NCP1411D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1411
http://onsemi.com
5
TYPICAL OPERATING CHARACTERISTICS
Figure 3. Reference Voltage versus Output
Current
1
10
1000
100
1.220
1.190
1.200
ILOAD, OUTPUT CURRENT (mA)
1.195
1.205
1.210
1.215
Figure 4. Reference Voltage versus Input
Voltage at OUT Pin
12
6
4
1.195
1.180
1.186
VOUT, INPUT VOLTAGE AT OUT PIN (V)
1.183
1.189
1.192
Figure 5. Reference Voltage versus
Temperature
−40
0
100
20
1.194
1.184
TA, AMBIENT TEMPERATURE (°C)
1.186
1.188
1.190
1.192
Figure 6. Switch ON Resistance versus
Temperature
−40
0
100
20
1.5
0
0.6
TA, AMBIENT TEMPERATURE (°C)
0.3
0.9
1.2
Figure 7. LX Switch Max. ON Time versus
Temperature
−40
0
100
40
1.8
1.2
1.4
TA, AMBIENT TEMPERATURE (°C)
1.3
1.5
1.6
1.7
0
20
120
100
1.9
0.6
1.1
ILOAD, OUTPUT LOADING CURRENT (mA)
0.9
1.4
1.6
Figure 8. Min. Startup Battery Voltage versus
Loading Current
35
−20
40
60
80
VOUT = 3.3 V
L = 22
mH
CIN = 10 mF
COUT = 33 mF
CREF = 1 mF
TA = 25°C
VIN = 1.8 V
VIN = 2.2 V
VIN = 3.0 V
CREF = 1 mF
TA = 25°C
IREF = 2.5 mA
IREF = 0 mA
VOUT = 3.3 V
CREF = 150 nF
IREF = 0 mA
−20
40
60
80
VOUT = 3.3 V
P−FET (M2)
N−FET (M1)
−20
20
80
60
40
60
80
WITHOUT SCHOTTKY DIODE
WITH SCHOTTKY DIODE
(MBR0502)


Similar Part No. - NCP1411D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1411 ONSEMI-NCP1411 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1411D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
NCP1423 ONSEMI-NCP1423_V01 Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com