Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP500SN28T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP500SN28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SN28T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP500SN28T1 Datasheet HTML 3Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 4Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 5Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 6Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 7Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 8Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 9Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 10Page - ON Semiconductor NCP500SN28T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCP500
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (Vin = 5.5 V, Cin = 1.0 mF, Cout = 1.0 mF, for typical value TA = 25°C, for min and max
values TA = −40°C to 85°C, Tjmax = 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
−5.0 V
Output Voltage
(TA =−40°C to 85°C, Iout = 1.0 mA to 150 mA)
Vout
4.875
5.0
5.125
V
Line Regulation (Vin = 5.5 V to 6.0 V, Iout = 1.0 mA)
Regline
1.0
10
mV
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
15
45
mV
Dropout Voltage (Measured at Vout 2.0%, TA = −40°C to 85°C)
(Iout = 1.0 mA)
(Iout = 75 mA)
(Iout = 150 mA)
VinVout
2.0
60
120
10
100
180
mV
Output Short Circuit Current
Iout(max)
200
540
700
mA
Ripple Rejection
(Vin = Vout (nom.) + 1.0 V + 0.5 Vpp, f = 1.0 kHz, Io = 60 mA)
RR
62
dB
Quiescent Current
(Enable Input = 0 V)
(Enable Input = 0.9 V, Iout = 1.0 mA)
(Enable Input = 0.9 V, Iout = 150 mA)
IQ
0.01
210
210
1.0
300
300
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(EN)
0.9
0.15
V
Enable Input Bias Current
IIB(EN)
3.0
100
nA
Output Turn On Time (Enable Input = 0 V to Vin)
20
100
ms
4. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP500SN28T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500SN28T1 ONSEMI-NCP500SN28T1 Datasheet
142Kb / 20P
   150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
NCP500SN28T1G ONSEMI-NCP500SN28T1G Datasheet
142Kb / 20P
   150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
NCP500SN28T1G ONSEMI-NCP500SN28T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results

Similar Description - NCP500SN28T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com