Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB75N06G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB75N06G
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB75N06G Datasheet(HTML) 3 Page - ON Semiconductor

  NTB75N06G Datasheet HTML 1Page - ON Semiconductor NTB75N06G Datasheet HTML 2Page - ON Semiconductor NTB75N06G Datasheet HTML 3Page - ON Semiconductor NTB75N06G Datasheet HTML 4Page - ON Semiconductor NTB75N06G Datasheet HTML 5Page - ON Semiconductor NTB75N06G Datasheet HTML 6Page - ON Semiconductor NTB75N06G Datasheet HTML 7Page - ON Semiconductor NTB75N06G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTP75N06, NTB75N06
http://onsemi.com
3
0
120
3
60
2
1
0
VGS, GATE−TO−SOURCE VOLTAGE (V)
160
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
20
40
80
100
140
4
1.8
1.4
1.6
1.2
1
0.6
100
10
1000
10000
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
080
60
40
20
100
160
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−50
50
25
0
−25
75
100
2.5
3
7
040
50
30
20
10
60
120
60
0
160
20
40
80
100
140
3.5
4
4.5
5
5.5
6
6.5
0.8
175
150
125
0.009
0.011
0.003
0.013
0.015
VGS = 10 V
TJ = 25°C
TJ = 100°C
TJ = −55°C
ID = 37.5 A
VGS = 10 V
VDS w 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
VGS = 0 V
TJ = 25°C
TJ = 100°C
TJ = −55°C
VGS = 10 V
VGS = 6 V
VGS = 5 V
VGS = 4.5 V
VGS = 5.5 V
VGS = 8 V
VGS = 7 V
VGS = 15 V
VGS = 6.5 V
VGS = 9 V
0.007
0.005
120
140
0
80
60
40
20
100
160
0.009
0.011
0.003
0.013
0.015
0.007
0.005
120
140
2


Similar Part No. - NTB75N06G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N06G ONSEMI-NTB75N06G Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
More results

Similar Description - NTB75N06G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com