Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # TIP41
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

TIP41 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  TIP41 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TIP41 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Medium Power Linear Switching Applications
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
TIP41
TIP41A
TIP41B
TIP41C
Unit
Collector-Base Voltage
V
CBO
40
60
80
100
V
Collector-Emitter Voltage
V
CEO
40
60
80
100
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
6
A
Collector Power Dissipation
PC
2
W
Junction Temperature
T
J
Storage Temperature
Tstg
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
TIP41
TIP41A
TIP41B
TIP41C
VCBO
IC= 1mA, IE=0
40
60
80
100
V
Collector-emitter breakdown voltage
TIP41
TIP41A
TIP41B
TIP41C
VCEO
IC= 30mA, IB=0
40
60
80
100
V
Emitter-base breakdown voltage
VEBO
IE= 1mA, IC=0
5
V
Collector cut-off current
TIP41
TIP41A
TIP41B
TIP41C
ICBO
VCB=40V, IE=0
VCB=60V, IE=0
VCB=80V, IE=0
VCB=100V, IE=0
0.4
mA
Collector cut-off current
TIP41/4 1A /41B /41C
ICEO
VCE= 30V, IB= 0
VCE= 60V, IB= 0
0.7
mA
Emitter cut-off current
IEBO
VEB=5V, IC=0
1
mA
DC current gain
hFE(1)
VCE= 4V, IC= 0.3A
30
hFE(2)
VCE=4 V, IC= 3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=6A, IB=0.6A
1.5
V
Base-emitter voltage
VBE(on
VCE= 4V, IC=6A
2
V
Transition frequency
fT
VCE=10V , IC=0.5A
f
=1MHz
3
MHZ
TIP41/A/B/C (NPN)
1. BASE
2. COLLECTOR
TO-220
3. EMITTER


Similar Part No. - TIP41

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Inchange Semiconductor ...
TIP41 ISC-TIP41 Datasheet
166Kb / 4P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
TIP41 JIANGSU-TIP41 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
TIP41 CENTRAL-TIP41 Datasheet
344Kb / 2P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - TIP41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com