Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8831 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8831
Description  STN RGB - 160 output row driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8831 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8831 Datasheet HTML 7Page - NXP Semiconductors PCF8831 Datasheet HTML 8Page - NXP Semiconductors PCF8831 Datasheet HTML 9Page - NXP Semiconductors PCF8831 Datasheet HTML 10Page - NXP Semiconductors PCF8831 Datasheet HTML 11Page - NXP Semiconductors PCF8831 Datasheet HTML 12Page - NXP Semiconductors PCF8831 Datasheet HTML 13Page - NXP Semiconductors PCF8831 Datasheet HTML 14Page - NXP Semiconductors PCF8831 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2002 Aug 14
11
Philips Semiconductors
Preliminary specification
STN RGB - 160 output row driver
PCF8831
10 DC CHARACTERISTICS
(VDD − VSS) = 2.4 to 3.5 V; (VH − VL) = 15 to 55 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. The minimum level of (VMH − VM) depends on (VM − VL); a lower level of (VM − VL) requires lower offset of VMH
referred to VM. A higher level of (VMH − VM) improves dynamic behaviour. A minimum level of
(VMH − VM)=2.5V+0.2 × (VM − VL) should be maintained.
2. Row outputs tested one at a time.
3. (VH − VL) = 37 V; VMH =VH; (VDD − VSS) = 2.8 V;
; (VM − VSS) = 1.47 V.
4. fRCLK = 19.2 kHz; SVM = 0; ROWRES1 = ROWRES2 = HIGH; single line mode; all row outputs open-circuit.
5. Frame inversion frequency
.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VL
LOW-level LCD driving
voltage
0
V
VH
HIGH-level LCD driving
voltage
VL + 15.0
VL + 45.0
V
VM
MID-level LCD driving
voltage
VSS
VDD
V
VMH
auxiliary supply voltage for
row switching
note 1
VM +10
VL +40
V
VSS
logic supply negative
voltage
VM − 2.0
VM − 1.25
V
VDD
logic supply positive voltage
VSS + 2.4
VSS + 3.5
V
VIH
HIGH-level input voltage
all inputs; referred to VSS
VSS + 0.8 ×
(VDD − VSS)
VDD
V
VIL
LOW-level input voltage
all inputs; referred to VSS
VSS
VSS + 0.2 ×
(VDD − VSS)
V
ILI
input leakage current
all inputs
VI =VDD
−−
5
µA
VI =VSS
−5
−−µA
RO
row output on-state
resistance
notes 2 and 3
IO = +100 µA
600
tbf
IO = ±100 µA
600
tbf
IO = −100 µA
600
tbf
IDD
current at pad VDD
notes 3, 4 and 5
30
tbf
µA
IVH
current at pad VH
10
tbf
µA
IVMH
current at pad VMH
3
tbf
µA
IVM
current at pad VM
2
tbf
µA
IVL
current at pad VL
13
tbf
µA
V
L
V
H
+
2
--------------------
V
M
V
H
V
L
+
2
--------------------
=
f
FI
f
RCLK
2
160
×
-------------------
=


Similar Part No. - PCF8831

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
PCF88331 PHILIPS-PCF88331 Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
PCF88332DA PHILIPS-PCF88332DA Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
PCF8833U PHILIPS-PCF8833U Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
PCF8833U/2DA PHILIPS-PCF8833U/2DA Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
More results

Similar Description - PCF8831

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0794 SAMSUNG-KS0794 Datasheet
268Kb / 31P
   160 COM / 160 SEG DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
NEC
UPD16667 NEC-UPD16667 Datasheet
155Kb / 16P
   160-OUTPUT LCD ROW DRIVER
logo
Texas Instruments
SNJ557202E TI1-SNJ557202E Datasheet
43Kb / 3P
[Old version datasheet]   160-CHANNEL LCD DRIVER FOR DOT MTRIX STN
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
   STN RGB - 132 X 132 X 3 driver
2003 Feb 14
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
[Old version datasheet]   160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
List of Unclassifed Man...
TP6401 ETC-TP6401 Datasheet
308Kb / 14P
   240-OUTPUT STN COMMON DRIVER
NS-M491 ETC-NS-M491 Datasheet
457Kb / 2P
   PALM SIZE 160 X 160 COLOR STN - LCC77T491M
logo
Samsung semiconductor
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com