Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCSD226M035 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # TCSD226M035
Description  CHIP TANTALUM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

TCSD226M035 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  TCSD226M035 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSD226M035 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSD226M035 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSD226M035 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page:P4-P2
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
Code
EIA
Code
L±0.20 (0.008)
W+0.20 (0.008)
-0.10(0.004)
H+0.20 (0.008)
-0.10(0.004)
W
1±0.20 (0.008)
A+0.30 (0.012)
-0.20(0.008)
S Min.
A
3216-18
3.20(0.126)
1.60(0.063)
1.60(0.063)
1.20(0.047)
0.80(0.031)
1.80(0.071)
B
3528-21
3.50(0.138)
2.80(0.110)
1.90(0.075)
2.20(0.087)
0.80(0.031)
1.40(0.055)
C
6032-28
6.00(0.236)
3.20(0.126)
2.60(0.102)
2.20(0.087)
1.30(0.051)
2.90(0.114)
D
7343-31
7.30(0.287)
4.30(0.169)
2.90(0.114)
2.40(0.094)
1.30(0.051)
4.40(0.173)
E
7343-43
7.30(0.287)
4.30(0.169)
4.10(0.162)
2.40(0.094)
1.30(0.051)
4.40(0.173)
V
7361-38
7.30(0.287)
6.10(0.240)
3.45±0.30
(0.136±0.012)
3.10(0.120)
1.40(0.055)
4.40(0.173)
W1 dimension applies to the termination widthfor A dimensional area only.
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated voltage DC (V
R) to 85°C
µF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
0.15
0.22
104
154
224
A
A
A
A
A/B
A/B
0.33
0.47
0.68
334
474
684
A
A
A
A
A/B
A/B
B
B/C
B/C
1.0
1.5
2.2
105
155
225
A
A
A
A A
A/B
A A
A/B
A
A/B
A/B
A/B
A/B/C
A/B/C
B/C
C/D
C/D
3.3
4.7
6.8
335
475
685
A
A
A A
A/B
A
A/B
A/B
A/B
A/B
A/B/C
A/B
A/B/C
A/B/C
A/B/C
B/C
B/C
B/C
B/C/D
C/D
C/D
D
D
10
15
22
106
156
226
A
A/B
A
A/B
A/B
A/B/C
A/B/C
A/B/C
A/B/C
A/B/C
A(M)/B/C
B/C/D
B/C
B/C/D
B/C/D
C/D
C/D
C/D
C/D/E
C/D
D/E
D/E
E
V
33
47
68
336
476
686
A
A
A/B
A/B
B/C
A/B/C
A/B/C/D
B/C/D
A/B/C/D
B/C/D
B/C/D
B/C/D
C/D
C/D
C/D
C/D/E
D/E
D/E
D/E
E/V
D/E/V
E/V
V(M)
100
150
220
107
157
227
B B
B/D
B/C B/C
B(M)/C/D
B/C/D
C/D
C/D/E
B(M)/C/D/E
C/D/E D/E
D/E
D/E/V
D/E/V
D/E/V
E/V
V
330
470
680
337
477
687
D
C/D
D/E
C/D/E
D/E
D/E
C/D/E
D/E/V
E/V
D/E/V
E/V
V
E/V
1000
1500
2200
108
158
228
D(M)/E
D/E/V
V
D/E/V
E/V(M)
V(M)
Non preferred Ratings - not recommended for new designs,
higher voltage or smaller case size substitution are offered.
Developmental Ratings - subject to change.
Released codes (M tolerance only)
Note: Voltage ratings are minimum values.
higher ratings in the same case size, to the same reliability standards.
CASE DIMENSIONS: millimeters (inches)
For part marking see page 157
3.
4.
CHIP TANTALUM CAPACITORS


Similar Part No. - TCSD226M035

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TCSD-04-D-01-F-N-B SAMTEC-TCSD-04-D-01-F-N-B Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TCSD-04-D-01-F-N-D SAMTEC-TCSD-04-D-01-F-N-D Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TCSD-04-D-01-F-N-M SAMTEC-TCSD-04-D-01-F-N-M Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TCSD-04-D-01-F-N-O SAMTEC-TCSD-04-D-01-F-N-O Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
More results

Similar Description - TCSD226M035

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com