Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603E100J100NB Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # C0603E100J100NB
Description  HOTTECH CHIP CERAMIC CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

C0603E100J100NB Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  C0603E100J100NB Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 7Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 8Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C0603E100J100NB Datasheet HTML 9Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page:P11-P3
HOTTECH CHIP CERAMIC CAPACITORS
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
4.
DIELECTRIC CHARACTERISTIC INTRODUCTION AND TEST METHOD
ITEM
STANDARD
TEST METHOD
Capacitance
0.5PF-47uF
COG:
C≤1000PF :1MHz±10%
1.0±0.2Vrms
C>1000PF:1KHz±10%
1.0±0.2Vrms
X7R/X5R:
1KHz±10%
1.0±0.2Vrms
Y5V/Z5U:
1KHz±10%
1.0±0.2Vrms
≤10uF
120Hz
0.5±0.2Vrms
>10uF
Tolerance
B=±0.1PF
C=±0.25PF
D=±0.5.PF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Rated Voltage
16、25、50、100、200、500、1000、2000
V(DC)
Dissipation
Factor
COG/NPO
DF≤0.15%
X7R/X5R
DF ≤ 2.5%( ≥ 50V) , ≤ 3.0%(25V) , ≤
3.5%(16V)
Y5V/Z5U
DF
7%(C
100nF)
.
3.5%(C<100nF)
Insulation
Resistance
(IR)
COG/NPO
C≤10NF
IR>50000MΩ;
C>10NF
IR>5000ΩF
Test voltage: rated
Time: 1 minute
Temperature: 18-25
Humidity: <80%
X7R/X5R
C≤25NF
IR>10000MΩ;
C>25NF
RXC>100ΩF
Y5V/Z5U
C≤25NF
IR>4000MΩ;
C>25NF
RXC>100ΩF
Dielectric
withstanding
voltage
No damage after test
Apply 2.5x rated voltage to both terminations
for 5 seconds, charge and discharge current are
less than 50mA. (This test doesn’t apply to
high-voltage MLCC)
Termination
Adhesion
No damage after test
Test Condition: 5N
10±1S
Bending
Strength
No damage after test and capacitance tolerance shall not be
more than 10%
After soldering capacitor on the PCB, 1mm per
1 second of bending for this PCB
shall be
applied.
Solderability
Temperature
235±5
Completely immerse the capacitor in the
molthen rosin for 2s and then put it in the
10mm molthen solder with a temperature of
235±5℃(265±5℃)
for 2(5)s. after that
pick it up, clean the solvent and inspect it
under 10x or more microscope.
Time
1±1S
Cover
≥95
Resistance
to
soldering Heat
Tempertaure
265±5
Time
1±1S
Cover
≥95
△C/C
≤0.5% or 0.5PF
Temperature
Cycling
Dielectric
COG/NPO
X7R/X5R
Y5V/Z5U
Temperature:
-55 ± 3
~125 ± 3
COG/X7R
-25±3
~85±3
Y5V
-10±3
~85±3
Z5U
Cycle times: 5 times per 30s
Resume time: 24h
△C/C
≤1%
≤±10%
≤±30%
No damage after test


Similar Part No. - C0603E100J100NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0603E ETC-C0603E Datasheet
907Kb / 2P
   PRECISION WIRE WOUND RESISTORS
More results

Similar Description - C0603E100J100NB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com