Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4200MNR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4200MNR2G
Description  Programmable Multi-Phase Synchronous Buck Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4200MNR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4200MNR2G Datasheet HTML 5Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 6Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 7Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 8Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 9Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 10Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 11Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 12Page - ON Semiconductor NCP4200MNR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NCP4200
http://onsemi.com
9
ELECTRICAL CHARACTERISTICS VIN = 5.0 V, FBRTN = GND for typical values TA = −40°C to 125°C, unless otherwise noted.
(Note 1 and 3).
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
SUPPLY
VCC (Note 1)
VCC
4.70
5.25
5.75
V
DC Supply Current
IVCC
VSYSTEM = 13.2 V, RSHUNT = 340 W
20
25
mA
UVLO Turn−On Current
6.5
11
mA
UVLO Threshold Voltage
VUVLO
VCC rising
10
V
UVLO Turn−Off Voltage
VCC falling
4.1
V
VCC3 Output Voltage
VCC3
IVCC3 = 1 mA, TA = −40°C to 0°C
IVCC3 = 1 mA, TA = 0°C to 125°C
3.0
3.0
3.3
3.3
3.7
3.6
V
1. Refer to Electrical Characteristics and Application Information for Safe Operating Area.
2. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
3. Values based on design and/or characterization.
Figure 3.
Master Clock Frequency vs. RT
TYPICAL CHARACTERISTICS
0
500
1000
1500
2000
2500
0
100
200
300
400
500
600
700
800
900
RT (kW)
PWM1


Similar Part No. - NCP4200MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
More results

Similar Description - NCP4200MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com