Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4354ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4354ADR2G
Description  Secondary Side SMPS OFF Mode Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4354ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4354ADR2G Datasheet HTML 1Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 2Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 3Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 4Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 5Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 6Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 7Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 8Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP4353, NCP4354
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
0
°C ≤ TJ ≤ 125°C; VCC = 15 V; unless otherwise noted. Typical values are at TJ = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Maximum Operating Input Volt-
age
VCC
36.0
V
VCC UVLO
VCC rising
VCCUVLO
3.3
3.5
3.7
V
VCC falling
2.3
2.5
2.7
VCC UVLO Hysteresis
VCCUVLOHYS
0.8
1.0
V
Quiescent Current in Regulation
NCP4353A
ICC
101
125
mA
NCP4353B
82
105
NCP4354A
118
145
NCP4354B
95
120
Quiescent Current in OFF Mode
VSNS < 1.12 V
ICC,OFFmode
90
110
mA
VOLTAGE CONTROL LOOP OTA
Transconductance
Sink current only
gmV
1
S
Reference Voltage
2.8 V
≤ VCC ≤ 36.0 V, TJ = 25°C
VREF
1.244
1.250
1.256
V
2.8 V
≤ VCC ≤ 36.0 V, TJ = 0 − 85°C
1.240
1.250
1.264
2.8 V
≤ VCC ≤ 36.0 V, TJ = 0 − 125°C
1.230
1.250
1.270
Sink Current Capability
In regulation, VDRIVE or VFBC > 1.5 V
ISINKV
2.5
mA
In OFF mode, VDRIVE or VFBC > 1.5 V
1.2
1.5
2.0
mA
Inverting Input Bias Current
In regulation, VSNS = VREF
IBIASV
−100
100
nA
In OFF mode, VSNS > 1.12 V
−13
−11
−10
mA
Inverting Input Bias Current
Threshold
In OFF mode
VSNSBIASTH
1.07
1.12
1.17
V
CURRENT CONTROL LOOP OTA (NCP435xA only)
Transconductance
Sink current only
gmC
3
S
Reference Voltage
VREFC
60
62.5
65
mV
Sink Current Capability
VDRIVE or VFBC > 1.5 V
ISINKC
2.5
mA
Inverting Input Bias Current
ISNS = VREFC
IBIASC
−100
100
nA
MINIMUM VOLTAGE COMPARATOR (except NCP4353A)
Threshold Voltage
VREFM
355
377
400
mV
Hysteresis
Output change from logic high to logic low
VMINH
40
mV
OFF MODE DETECTION COMPARATOR
Threshold Value
2.5 V
≤ VCC ≤ 36.0 V
VOFFDETTH
10% VCC
V
VCC = 15 V
1.47
1.50
1.53
Hysteresis
Output change from logic high to logic low
VOFFDETH
40
mV
LED DRIVER (NCP4354x only)
Switching Frequency
fSWLED
1
kHz
Duty Cycle
DLED
10.0
12.5
15.0
%
Switch Resistance
ILED = 5 mA
RSW2
50
W
OFF MODE CONTROL
Sink Current
In OFF mode, VDRIVE or VONOFF > 0.6 V
IDRIVEOFF
140
160
180
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP4354ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
More results

Similar Description - NCP4354ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR4765JZ INFINEON-ICE3BR4765JZ Datasheet
1Mb / 32P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Aug 2011
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com