Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1602KY Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1602KY
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602KY Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1602KY Datasheet HTML 6Page - Texas Instruments PCM1602KY Datasheet HTML 7Page - Texas Instruments PCM1602KY Datasheet HTML 8Page - Texas Instruments PCM1602KY Datasheet HTML 9Page - Texas Instruments PCM1602KY Datasheet HTML 10Page - Texas Instruments PCM1602KY Datasheet HTML 11Page - Texas Instruments PCM1602KY Datasheet HTML 12Page - Texas Instruments PCM1602KY Datasheet HTML 13Page - Texas Instruments PCM1602KY Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
PCM1602
10
SBAS163
FIGURE 2. Power-On Reset Timing.
1024 System Clocks
Reset
Reset Removal
V
DD
Internal Reset
2.4V
2.0V
1.6V
0V
System Clock
Don’t Care
FIGURE 1. System Clock Timing.
SYSTEM CLOCK AND RESET
FUNCTIONS
SYSTEM CLOCK INPUT
The PCM1602 requires a system clock for operating the
digital interpolation filters and multilevel delta-sigma modu-
lators. The system clock is applied at the SCKI input (pin 38).
Table I shows examples of system clock frequencies for
common audio sampling rates.
Figure 1 shows the timing requirements for the system clock
input. For optimal performance, it is important to use a clock
source with low phase jitter and noise. The PLL1700 multi-
clock generator from Texas Instruments is an excellent choice
for providing the PCM1602 system clock.
The 192kHz sampling frequency operation is available on
DATA1 for VOUT1 and VOUT2. It is recommended that
VOUT3, VOUT4, VOUT5, and VOUT6 be forced to the bipolar
zero level using the DAC3, DAC4, DAC5, and DAC6 bits
of Register 9 when operating at 192kHz.
SYSTEM CLOCK OUTPUT
A buffered version of the system clock input is available at
the SCKO output (pin 39). SCKO can operate at either full
(fSCKI) or half (fSCKI/2) rate. The SCKO output frequency
may be programmed using the CLKD bit of Register 9. The
SCKO output pin can also be enabled or disabled using the
CLKE bit of Register 9. If the SCKO output is not required,
it is recommended to disable it using the CLKE bit. The
default is SCKO enabled.
POWER-ON AND EXTERNAL RESET FUNCTIONS
The PCM1602 includes a power-on reset function, as shown
in Figure 2. With the system clock active, and VDD > 2.0V
(typical, 1.6V to 2.4V), the power-on reset function will be
enabled. The initialization sequence requires 1024 system
clocks from the time VDD > 2.0V. After the initialization
period, the PCM1602 will be set to its reset default state, as
described in the Mode Control Register section of this data
sheet.
SAMPLING
FREQUENCY
128fS
192fS
256fS
384fS
512fS
768fS
8kHz
——
2.0480
3.0720
4.0960
6.1440
16kHz
——
4.0960
6.1440
8.1920
12.2880
32kHz
——
8.1920
12.2880
16.3840
24.5760
44.1kHz
——
11.2896
16.9344
22.5792
33.8688
48kHz
——
12.2880
18.4320
24.5760
36.8640
96kHz
——
24.5760
36.8640
49.1520
(1)
192kHz
24.5760
36.8640
(2)
(2)
(2)
(2)
NOTES: (1) The 768fS system clock rate is not supported for fS > 64kHz. (2) This system clock is not supported for the given sampling frequency.
TABLE I. System Clock Rates for Common Audio Sampling Frequencies.
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
t
SCKH
t
SCKL
System Clock Pulse Width HIGH t
SCKH: 7ns (min)
System Clock Pulse Width LOW t
SCKL: 7ns (min)
NOTE: (1) 1/128f
S, 1/256fS, 1/384fS, 1/512fS, and 1/768fS.
2.0V
0.8V
System Clock
System Clock Pulse
Cycle Time(1)


Similar Part No. - PCM1602KY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APT TI1-PCM1602APT Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTG4 TI1-PCM1602APTG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTR TI1-PCM1602APTR Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTRG4 TI1-PCM1602APTRG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
More results

Similar Description - PCM1602KY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608 TI-PCM1608 Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
[Old version datasheet]   24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
   24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com