Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5661MNADJT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5661MNADJT2G
Description  Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5661MNADJT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5661MNADJT2G Datasheet HTML 1Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 2Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 3Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 4Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 5Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 6Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 7Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 8Page - ON Semiconductor NCP5661MNADJT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP5661, NCV5661
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin − Vout = 1.5 V, for typical values TJ = 25°C, for min/max values TJ = −40°C to 125°C, Cin = Cout = 150 mF unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ADJUSTABLE OUTPUT VERSION
Input Voltage
Vin
2.0
9.0
V
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
26
mVrms
Output Voltage Accuracy
TJ = 25°C (Iout = 10 mA to 1.0 A)
TJ = −20 to +125°C (Iout = 10 mA to 1.0 A)
TJ = −40 to +150°C (Iout = 10 mA to 1.0 A)
Vout
−1%
−1.5%
−2%
0.9
+1%
+1.5%
+2%
V
Adjustable Pin Input Current
Iadj
40
nA
Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V)
REGline
0.03
%
Load Regulation (10 mA < Iout < 1.0 A)
REGload
0.03
%
Dropout Voltage (Iout = 1.0 A)
VDO
1.0
1.3
V
Peak Output Current Limit
Iout
1.0
A
Internal Current Limitation
Ilim
1.5
A
Ripple Rejection (120 Hz)
Ripple Rejection (1.0 kHz)
RR
70
65
dB
Thermal Shutdown (Guaranteed by Design)
TSHD
160
°C
Ground Current
Iout = 1.0 A
Disabled State
Iq
Iqds
1.3
10
3.0
300
mA
mA
Enable Input Threshold Voltage
Voltage Increasing, On State, Logic High
Voltage Decreasing, Off State, Logic Low
Ven
1.3
0.3
V
Enable Input Current
Enable Pin Voltage = 0.3 Vmax
Enable Pin Voltage = 1.3 Vmin
Ien
0.5
0.5
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP5661MNADJT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661MNADJT2G ONSEMI-NCP5661MNADJT2G Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661MNADJT2G ONSEMI-NCP5661MNADJT2G Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
More results

Similar Description - NCP5661MNADJT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
logo
Unisonic Technologies
LR1107 UTC-LR1107 Datasheet
221Kb / 6P
   600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108 UTC-LR1108_12 Datasheet
250Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com