Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5504DTRKG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5504DTRKG
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5504DTRKG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5504DTRKG Datasheet HTML 1Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 2Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 3Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 4Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 5Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 6Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 7Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 8Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP5504, NCV5504
http://onsemi.com
3
NCP5504 ELECTRICAL CHARACTERISTICS
(Vin = Vout + 1.0 V, where Vout is the larger of Vout1 or Vout2, TA = 25C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
NCP5504 (TA = −25C to 85C), IO = 250 mA
Vout1
Vout2
Vout
−2%
−2%
3.30
1.25
+2%
+2%
V
Adjustable Pin Current
Iadj
50
100
nA
Line Regulation (Vout + 1.0 V < Vin < 7.0 V), IO = 250 mA
Regline
5
15
mV
Load Regulation (1.0 mA < IO< 250 mA) for Vout1
Load Regulation (1.0 mA < IO < 250 mA) for Vout2
Regload
10
5
15
10
mV
mV
Dropout Voltage (IO = 250 mA)
VDO
250
400
mV
Ripple Rejection Ratio (IO = 250 mA)
120 Hz
1 kHz
RR
75
60
dB
Quiescent Current (IO1, IO2 = 0 mA)
Iq
370
450
mA
Fixed Output Noise Voltage (10 Hz − 100 kHz Vout = 3.3 V,
IO = 100 mA, CO = 1.0 mF)
Vn
90
mVrms
Ground Current (IO1, IO2 = 250 mA)
Ignd
10
20
mA
Thermal Shutdown (Guaranteed by design)
TJmax
150
165
C
Current Limit on Vout1 and Vout2
Ilim
350
450
mA
NCV5504 ELECTRICAL CHARACTERISTICS
(Vin = Vout + 1.0 V, where Vout is the larger of Vout1 or Vout2, −40C  TJ  150C, −40C  TA  125C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
NCV5504, IO = 250 mA
Vout1
Vout2
Vout
−2%
−2%
3.30
1.25
+2%
+2%
V
Adjustable Pin Current
Iadj
50
100
nA
Line Regulation (Vout + 1.0 V < Vin < 7.0 V), IO = 250 mA
Regline
5
15
mV
Load Regulation (1.0 mA < IO< 250 mA) for Vout1
Load Regulation (1.0 mA < IO < 250 mA) for Vout2
Regload
10
5
15
10
mV
mV
Dropout Voltage (IO = 250 mA)
VDO
250
400
mV
Ripple Rejection Ratio (IO = 250 mA)
120 Hz
1 kHz
RR
75
60
dB
Quiescent Current (IO1, IO2 = 0 mA)
Iq
370
450
mA
Fixed Output Noise Voltage (10 Hz − 100 kHz Vout = 3.3 V,
IO = 100 mA, CO = 1.0 mF)
Vn
90
mVrms
Ground Current (IO1, IO2 = 250 mA)
Ignd
10
20
mA
Thermal Shutdown (Guaranteed by design)
TJmax
150
165
C
Current Limit on Vout1 and Vout2
Ilim
320
450
mA


Similar Part No. - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
More results

Similar Description - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com