Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5661MN18T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5661MN18T2G
Description  Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5661MN18T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5661MN18T2G Datasheet HTML 4Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 5Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 6Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 7Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 8Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 9Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 10Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 11Page - ON Semiconductor NCP5661MN18T2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP5661, NCV5661
www.onsemi.com
11
PACKAGE DIMENSIONS
DFN6 3x3.3 MM, 0.95 PITCH
CASE 506AX
ISSUE O
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PIN 1
REFERENCE
A
B
C
0.15
2X
2X
TOP VIEW
D
E
C
0.15
NOTES:
1. DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 mm
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
E2
BOTTOM VIEW
b
0.10
6X
L
13
0.05
C AB
C
D2
4X
e
L1
64
6X
6X
(A3)
C
C
0.08
6X
C
0.10
SIDE VIEW
A1
A
SEATING
PLANE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
−−−
0.90
A1
0.00
−−−
0.05
A3
0.20 REF
b
0.30
−−−
0.40
D
3.00 BSC
D2
1.90
−−−
2.10
E
3.30 BSC
E2
1.10
−−−
1.30
e
0.95 BSC
K
0.20
−−−
−−−
L
0.40
−−−
0.60
(NOTE 3)
K
L1
0.00
−−−
0.15
6X
0.83
2.15
1.35
1
0.50
0.95
PITCH
3.60
DIMENSIONS: MILLIMETERS
6X


Similar Part No. - NCP5661MN18T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661MN18T2G ONSEMI-NCP5661MN18T2G Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661MN18T2G ONSEMI-NCP5661MN18T2G Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
More results

Similar Description - NCP5661MN18T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
logo
Unisonic Technologies
LR1107 UTC-LR1107 Datasheet
221Kb / 6P
   600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108 UTC-LR1108_12 Datasheet
250Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com