Electronic Components Datasheet Search |
|
NCP5661MN18T2G Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCP5661MN18T2G Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 12 page NCP5661, NCV5661 www.onsemi.com 4 ELECTRICAL CHARACTERISTICS (Vin − Vout = 1.5 V, for typical values TJ = 25°C, for min/max values TJ = −40°C to 125°C, Cin = Cout = 150 mF unless otherwise noted.) Characteristic Symbol Min Typ Max Unit FIXED OUTPUT VOLTAGE Input Voltage Vin 2.0 − 9.0 V Output Noise Voltage (Vout = 0.9 V) Vn − 26 − mVrms Output Voltage Accuracy TJ = 25°C (Iout = 10 mA to 1.0 A) TJ = −20 to +125°C (Iout = 10 mA to 1.0 A) TJ = −40 to +150°C (Iout = 10 mA to 1.0 A) Vout −1% −1.5% −2% − Vout − +1% +1.5% +2% V Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V) REGline − 0.03 − % Load Regulation (10 mA < Iout < 1.0 A) REGload − 0.2 − % Dropout Voltage (Iout = 1.0 A) VDO − 1.0 1.3 V Peak Output Current Limit Iout 1.0 − − A Internal Current Limitation Ilim − 1.5 − A Ripple Rejection (120 Hz) Ripple Rejection (1.0 kHz) RR − − 70 65 − − dB Thermal Shutdown (Guaranteed by Design) TSHD − 160 − °C Ground Current Iout = 1.0 A Disabled State Iq Iqds − − 1.3 30 3.0 300 mA mA Enable Input Threshold Voltage Voltage Increasing, On State, Logic High Voltage Decreasing, Off State, Logic Low Ven 1.3 − − − − 0.3 V Enable Input Current Enable Pin Voltage = 0.3 Vmax Enable Pin Voltage = 1.3 Vmin Ien − − 0.5 0.5 − − mA Error Flag (Fixed Output) 1.2 V Output 1.5 V Output 1.8 V Output 2.5 V Output 2.8 V Output 3.0 V Output 3.3 V Output Veflt 88 88 88 88 88 88 90 92 92 92 92 92 92 94 97 97 97 97 97 97 97 % of Vout Error Flag Output Low Voltage Saturation (Ief = 1.0 mA) Vefdo − 200 − mV Error Flag Leakage Iefleak − 1.0 − mA Error Flag Blanking Time (Note 4) Tef − 50 − ms Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 4. Error Flag Blanking Time |
Similar Part No. - NCP5661MN18T2G |
|
Similar Description - NCP5661MN18T2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |