Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP108NQ03LT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHP108NQ03LT
Description  TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP108NQ03LT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHP108NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 9Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 10Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 11Page - NXP Semiconductors PHP108NQ03LT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD108NQ03LT
TrenchMOS™ logic level FET
Product data
Rev. 02 — 11 September 2002
8 of 14
9397 750 10159
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
ID = 40 A; VDD =15V
Fig 13. Gate-source voltage as a function of gate charge; typical values.
003aaa197
0
2
4
6
8
10
0
1020
3040
QG (nC)
VGS
(V)


Similar Part No. - PHP108NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP101NQ03LT NXP-PHP101NQ03LT Datasheet
198Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04-2 March 2009
logo
VBsemi Electronics Co.,...
PHP101NQ03LT VBSEMI-PHP101NQ03LT Datasheet
961Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHP101NQ03LT NEXPERIA-PHP101NQ03LT Datasheet
313Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04 - 2 March 2009
logo
NXP Semiconductors
PHP101NQ04T PHILIPS-PHP101NQ04T Datasheet
94Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-12 May 2004
More results

Similar Description - PHP108NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com